Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL40C30H3LL Datasheet HTML 6Page - STMicroelectronics STL40C30H3LL Datasheet HTML 7Page - STMicroelectronics STL40C30H3LL Datasheet HTML 8Page - STMicroelectronics STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics STL40C30H3LL Datasheet HTML 10Page - STMicroelectronics STL40C30H3LL Datasheet HTML 11Page - STMicroelectronics STL40C30H3LL Datasheet HTML 12Page - STMicroelectronics STL40C30H3LL Datasheet HTML 13Page - STMicroelectronics STL40C30H3LL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Test circuits for N-channel
STL40C30H3LL
10/19
DocID023874 Rev 5
3
Test circuits for N-channel
Figure 24. Switching times test circuit for
resistive load
Figure 25. Gate charge test circuit
Figure 26. Test circuit for inductive load
switching and diode recovery times
Figure 27. Unclamped inductive load test circuit
Figure 28. Unclamped inductive waveform
Figure 29. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com