Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STL40C30H3LL Datasheet HTML 1Page - STMicroelectronics STL40C30H3LL Datasheet HTML 2Page - STMicroelectronics STL40C30H3LL Datasheet HTML 3Page - STMicroelectronics STL40C30H3LL Datasheet HTML 4Page - STMicroelectronics STL40C30H3LL Datasheet HTML 5Page - STMicroelectronics STL40C30H3LL Datasheet HTML 6Page - STMicroelectronics STL40C30H3LL Datasheet HTML 7Page - STMicroelectronics STL40C30H3LL Datasheet HTML 8Page - STMicroelectronics STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID023874 Rev 5
3/19
STL40C30H3LL
Electrical ratings
19
1
Electrical ratings
Note:
For the P-channel MOSFET actual polarity of voltages and current has to be reversed
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
N-channel
P-channel
V
DS
Drain-source voltage (v
gs
= 0)
30
V
V
GS
Gate- source voltage
±20
V
I
D
(1)
1.
The value is rated according to R
thj-c
Drain current (continuous) at T
C
= 25°C
single operating
40
30
A
I
D
(1)
Drain current (continuous) at T
C
= 100°C
single operating
25
18.75
A
I
D
(2)
2.
This value is rated according to R
thj-pcb
Drain current (continuous) at T
pcb
= 25°C
single operating
10
8
A
I
D
(2)
Drain current (continuous) at T
pcb
= 100°C
single operating
6.5
5
A
I
DM
(2)(3)
3.
Pulse width is limited by safe operating area
Drain current (pulsed)
40
32
A
P
TOT
(1)
Total dissipation at T
C
= 25°C
60
W
P
TOT
(2)
Total dissipation at T
pcb
= 25°C
4
W
T
stg
Storage temperature
-55 to 150
°C
T
j
Operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-c
Thermal resistance junction-case
2.08
°C/W
R
thj-pcb
(1)
1.
When mounted on 1 inch² FR-4 board, 2 oz. Cu., t
≤ 10 sec
Thermal resistance junction-pcb single operation
32.00
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com