Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 13 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics STL40C30H3LL Datasheet HTML 10Page - STMicroelectronics STL40C30H3LL Datasheet HTML 11Page - STMicroelectronics STL40C30H3LL Datasheet HTML 12Page - STMicroelectronics STL40C30H3LL Datasheet HTML 13Page - STMicroelectronics STL40C30H3LL Datasheet HTML 14Page - STMicroelectronics STL40C30H3LL Datasheet HTML 15Page - STMicroelectronics STL40C30H3LL Datasheet HTML 16Page - STMicroelectronics STL40C30H3LL Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID023874 Rev 5
13/19
STL40C30H3LL
Package mechanical data
19
Figure 33. PowerFLAT™ 5x6 - double island type R-B drawing
Bottom view
5
8
4
1
Pin 1
identification
Side view
Top view
Pin 1
identification
4
5
8
1
8256945_Rev.G_Type_R-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com