Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 18 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STL40C30H3LL Datasheet HTML 11Page - STMicroelectronics STL40C30H3LL Datasheet HTML 12Page - STMicroelectronics STL40C30H3LL Datasheet HTML 13Page - STMicroelectronics STL40C30H3LL Datasheet HTML 14Page - STMicroelectronics STL40C30H3LL Datasheet HTML 15Page - STMicroelectronics STL40C30H3LL Datasheet HTML 16Page - STMicroelectronics STL40C30H3LL Datasheet HTML 17Page - STMicroelectronics STL40C30H3LL Datasheet HTML 18Page - STMicroelectronics STL40C30H3LL Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STL40C30H3LL
18/19
DocID023874 Rev 5
7
Revision history
Table 9. Revision history
Date
Revision
Changes
31-Oct-2012
1
First revision.
09-Nov-2012
2
– Modified: R
DS(on)
values for N-channel
– Changed:
Section 5 on page 12
13-Feb-2013
3
– Modified: R
DS(on)
only for P-channel on the title,
Features table
and
Table 4
– Modified: typical values on
Table 5, 28, 29, V
SD
max value on
Table 29 (only for P-channel)
– Updated:
Section 5: Package mechanical data and Section 6:
Packaging mechanical data
28-Nov-2013
4
– Modified: V
GS
(for P-channel) value in
Table 2
– Modified: I
GSS
(test conditions values)
– Modified: Q
g
typical values
– Modified:
Figure 24, 25, 26, 27, 28, 29, 30 and 31
– Updated:
Section 5: Package mechanical data
– Minor text changes
03-Apr-2014
5
– Added:
Section 2.1: Electrical characteristics (curves) for N-
channel
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com