Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STL40C30H3LL Datasheet HTML 1Page - STMicroelectronics STL40C30H3LL Datasheet HTML 2Page - STMicroelectronics STL40C30H3LL Datasheet HTML 3Page - STMicroelectronics STL40C30H3LL Datasheet HTML 4Page - STMicroelectronics STL40C30H3LL Datasheet HTML 5Page - STMicroelectronics STL40C30H3LL Datasheet HTML 6Page - STMicroelectronics STL40C30H3LL Datasheet HTML 7Page - STMicroelectronics STL40C30H3LL Datasheet HTML 8Page - STMicroelectronics STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID023874 Rev 5
5/19
STL40C30H3LL
Electrical characteristics
19
Note:
For the P-channel MOSFET actual polarity of voltages and current has to be reversed
Table 6. Switching times
Symbol
Parameter
Test conditions
Channel Min.
Typ.
Max.
Unit
t
d(on)
Turn-on delay time
V
DD
= 24 V, I
D
= 4 A
R
G
=4.7
Ω, V
GS
= 10 V
Figure 24
N-
4
-
ns
P-
15
-
ns
t
r
Rise time
N-
22
-
ns
P-
15
-
ns
t
d(off)
Turn-off delay time
N-
13
-
ns
P-
24
-
ns
t
f
Fall time
N
-
2.8
-
ns
P-
21
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Channel Min.
Typ.
Max.
Unit
I
SD
Source-drain current
N-
10
A
P-
8
A
I
SDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
(pulsed)
N-
40
A
P-
32
A
V
SD
(2)
2.
Pulsed: Pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 8A, V
GS
= 0
N-
1.1
V
P-
t
rr
Reverse recovery time
I
SD
= 8 A, di/dt = 100 A/μs
V
DD
=16 V, T
j
=150 °C
Figure 26
N-
16.2
ns
P
-
15
ns
Q
rr
Reverse recovery
charge
N-
8.1
nC
P-
6.5
nC
I
RRM
Reverse recovery
current
N-
1
A
P-
0.9
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com