Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL40C30H3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL40C30H3LL
Description  N-channel 30 V, 0.019 Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40C30H3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STL40C30H3LL Datasheet HTML 1Page - STMicroelectronics STL40C30H3LL Datasheet HTML 2Page - STMicroelectronics STL40C30H3LL Datasheet HTML 3Page - STMicroelectronics STL40C30H3LL Datasheet HTML 4Page - STMicroelectronics STL40C30H3LL Datasheet HTML 5Page - STMicroelectronics STL40C30H3LL Datasheet HTML 6Page - STMicroelectronics STL40C30H3LL Datasheet HTML 7Page - STMicroelectronics STL40C30H3LL Datasheet HTML 8Page - STMicroelectronics STL40C30H3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
April 2014
DocID023874 Rev 5
1/19
STL40C30H3LL
N-channel 30 V, 0.019
Ω typ., 10 A, P-channel 30 V, 0.024 Ω typ.,8 A
STripFET™ VI Power MOSFET in a PowerFLAT 5x6 d. i. package
Datasheet - production data
Figure 1. Internal schematic diagram
Features
• R
DS(on)
* Q
g
industry benchmark
• Extremely low on-resistance R
DS(on)
• High avalanche ruggedness
• Low gate drive power losses
Applications
• Switching applications
Description
This device is a complementary N-channel and P-
channel Power MOSFET developed using
STripFET™ V (P-channel) and STripFET™ VI
DeepGATE™ (N-channel) technologies. The
resulting device exhibits low on-state resistance
and an FOM among the lowest in its voltage
class.
Note:
For the P-channel MOSFET actual polarity of voltages and current has to be reversed
1
2
3
4
PowerFLAT™5x6
double island
AM00623v2
Order code
Channel VDS
RDS(on) max
ID
STL40C30H3LL
N
30 V
0.021
Ω @ 10 V 10 A
P0.03
Ω @ 10 V 8 A
Table 1. Device summary
Order code
Marking
Packages
Packaging
STL40C30H3LL
40C30H3L
PowerFLAT 5x6 double island
Tape and reel
www.st.com


Similar Part No. - STL40C30H3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40DN3LLH5 STMICROELECTRONICS-STL40DN3LLH5 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
Keil starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results

Similar Description - STL40C30H3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL12P6F6 STMICROELECTRONICS-STL12P6F6 Datasheet
601Kb / 13P
P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
20-Mar-2013
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
11-Oct-2012
CD00297243 STMICROELECTRONICS-CD00297243 Datasheet
882Kb / 14P
Dual N-channel 30 V, 0.016 Ω typ., 11 A STripFET™ V Power MOSFET in a PowerFLAT™ 5x6 double island
14-Dec-2012
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
P-channel -30 V, 11 mΩ typ., -45 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 5x6 package
April 2016 Rev 1
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
P-channel -30 V, 9 mΩ typ., -62 A STripFET™ H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
N-channel 30 V, 0.0038 Ω typ., 24 A STripFET™ VI DeepGATE™ Power MOSFET in PowerFLAT™ 5x6 package
September 2013 Rev 4
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STL10LN80K5 STMICROELECTRONICS-STL10LN80K5 Datasheet
833Kb / 17P
N-channel 800 V, 0.59 Ω typ., 6 A MDmesh™ K5 Power MOSFET in a PowerFLAT™ 5x6 VHV package
09-Feb-2016
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com