Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 12 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VIPER53SP Datasheet HTML 8Page - STMicroelectronics VIPER53SP Datasheet HTML 9Page - STMicroelectronics VIPER53SP Datasheet HTML 10Page - STMicroelectronics VIPER53SP Datasheet HTML 11Page - STMicroelectronics VIPER53SP Datasheet HTML 12Page - STMicroelectronics VIPER53SP Datasheet HTML 13Page - STMicroelectronics VIPER53SP Datasheet HTML 14Page - STMicroelectronics VIPER53SP Datasheet HTML 15Page - STMicroelectronics VIPER53SP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
VIPer53DIP / VIPer53SP
12/24
Figure 14: Off Line Power Supply With Auxiliary Supply Feedback
PRIMARY REGULATION CONFIGURATION
EXAMPLE
The schematic on figure 14 delivers a fixed output
voltage by using the internal error amplifier of the
device in a primary feedback configuration. The
primary auxiliary winding provides a voltage to the
VDD pin, and is automatically regulated at 15 V
thanks to the internal error amplifier connected on
this pin. The secondary voltage has to be adjusted
through the turn ratio of the transformer between
auxiliary and secondary.
The
error
amplifier
of
the
VIPer53
is
a
transconductance one: its output is a current
proportional to the difference of voltage between
the VDD pin and the internal trimmed 15 V
reference,
i.e.
the
error
voltage.
As
the
transconductance value is set at a relatively low
value to control the overall loop gain and insure
stability, this current has to be integrated by a
capacitor (C7 in the above schematic). When the
steady state operation is reached, this capacitor
blocks any DC current from the COMP pin and
imposes a nil error voltage. Therefore, the VDD
voltage is accurately regulated to 15 V.
This results in a good load regulation, which
depends only on transformer coupling and output
diodes impedance. The current mode structure
takes care of all incoming voltage changes, thus
providing at the same time an excellent line
regulation.
The switching frequency can be set to any value
through the choice of R3 and C5. This allows to
optimize the efficiency of the converter by adopting
the best compromise between switching losses,
EMI (Lower with low switching frequencies) and
transformer size (Smaller with high switching
frequencies). For an output power of a few watts,
typical
switching
frequencies
are
comprised
between 20 kHz and 40 kHz because of the small
size of the transformer. For higher power, 70 kHz
to 130 kHz are generally chosen.
The value of the compensation resistor R5 sets the
dynamic behavior of the converter. It can be
adjusted to provide the best compromise between
stability and recovering time with fast load
changes.
15V
VDD
OSC
DRAIN
SOURCE
COMP
TOVL
U1
VIPer73
R3
R4
D3
D1
C1
T1
C2
F1
R1
D2
C7
C5
C4
C6
T2
D4
C8
C10
L1
C9
R2
C3
AC IN
DC OUT
C11
10nF
R5
R6
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com