Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER53SP Datasheet HTML 11Page - STMicroelectronics VIPER53SP Datasheet HTML 12Page - STMicroelectronics VIPER53SP Datasheet HTML 13Page - STMicroelectronics VIPER53SP Datasheet HTML 14Page - STMicroelectronics VIPER53SP Datasheet HTML 15Page - STMicroelectronics VIPER53SP Datasheet HTML 16Page - STMicroelectronics VIPER53SP Datasheet HTML 17Page - STMicroelectronics VIPER53SP Datasheet HTML 18Page - STMicroelectronics VIPER53SP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
VIPer53DIP / VIPer53SP
15/24
actually an equivalent number of switching pulses
per
second,
rather
than
a
fixed
switching
frequency, as the device is working in burst mode.
As long as the power remains below PRST the
output of the regulation loop remains stuck at
VCOMPsd and the converter works in burst mode.
Its “density” increases (i.e. the number of missing
cycles decreases) as the power approaches PRST
and resumes finally normal operation at point 1.
The hysteresis cannot be seen on the switching
frequency, but the COMP pin voltage which
passes brutally at that power level from point 3 to
point 1.
The power points value PRST and PSTBY are
defined by the following formulas:
Where Ip(VCOMPbl) is the peak Power MOSFET
current corresponding to a compensation voltage
of VCOMPbl (1V), that is to say about 250 mA. Note
that the power point PSTBY where the converter is
going into burst mode doesn’t depend on the input
voltage.
The standby frequency FSWstb y is given by:
The ratio between the nominal switching frequency
and the standby one can be as high as 4,
depending on the Lp value and input voltage.
HIGH VOLTAGE START-UP CURRENT
SOURCE
An integrated high voltage current source provides
a bias current from the DRAIN pin during the start-
up phase. This current is partially absorbed by
internal control circuits in standby mode with
reduced consumption and also supplies the
external capacitor connected to the VDD pin. As
soon as the voltage on this pin reaches the high
voltage threshold VDDon of the UVLO logic, the
device turns into active mode and starts switching.
The start-up current generator is switched off, and
the converter should normally provide the needed
current on the VDD pin through the auxiliary
winding of the transformer, as shown on figure 14
or 15.
The external capacitor CVDD on the VDD pin must
be sized according to the time needed by the
converter to start-up, when the device starts
switching. This time tss depends on many
parameters, among which transformer design,
output
capacitors,
soft
start
feature
and
compensation network implemented on the COMP
pin and possible secondary feedback circuit. The
following formula can be used for defining the
minimum capacitor needed:
Figure 17 shows a typical start-up event. VDD
starts from 0 V with a charging current IDDch1 at
about 9 mA. When about VDDoff is reached, the
Figure 16: Standby Mode Implementation
VCOMP
VCOMPsd
VCOMPbl
VCOMPoff
600ns
350ns
FSW
PIN
FSWnom
FSWstby
PSTBY
PRST
Minimum
1
3
2
1
2
3
ton
turn on
P
RST
1
2
--- F
SWnom
tb
1
td
+
()
2
V
IN
2
1
Lp
------
⋅⋅
⋅
⋅
=
P
STBY
1
2
--- F
SW nom
Ip
2
V
COMP bl
() Lp
⋅⋅
⋅
=
F
SWs tby
P
STBY
P
RST
-------------- F
SWnom
⋅
=
C
VDD
I
DD1
tss
⋅
V
DDhyst
-----------------------
>
Figure 17: Startup Waveforms
IDD
IDD1
tss
IDDch2
IDDch1
t
t
VDDsd
VDDst
VDDreg
VDD
tsu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com