Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 13 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VIPER53SP Datasheet HTML 9Page - STMicroelectronics VIPER53SP Datasheet HTML 10Page - STMicroelectronics VIPER53SP Datasheet HTML 11Page - STMicroelectronics VIPER53SP Datasheet HTML 12Page - STMicroelectronics VIPER53SP Datasheet HTML 13Page - STMicroelectronics VIPER53SP Datasheet HTML 14Page - STMicroelectronics VIPER53SP Datasheet HTML 15Page - STMicroelectronics VIPER53SP Datasheet HTML 16Page - STMicroelectronics VIPER53SP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIPer53DIP / VIPer53SP
13/24
Figure 15: Off Line Power Supply With Optocoupler Feedback
SECONDARY FEEDBACK CONFIGURATION
EXAMPLE
When a more accurate output voltage is needed,
the definitive way is to monitor it directly on
secondary side, and to drive the PWM controller
through an optocoupler as shown on figure 15.
The optocoupler is connected in parallel with the
compensation network on the COMP pin. The
design of the auxiliary winding will be made in such
a way that the VDD voltage is always lower than the
internal 15 V reference. The internal error amplifier
will therefore be saturated in the high state, and
because of its transconductance nature, will
deliver a constant biasing current of 0.6 mA to the
optotransistor. This current doesn’t depend on the
compensation voltage, and so it doesn’t depend on
the output load either. The gain of the optocoupler
ensures consequently a constant biasing of the
TL431 device (U3) which is in charge of secondary
regulation. If the optocoupler gain is sufficiently
low, no additional components are required to
ensure a minimum current biasing of U3. Also, the
low biasing current value avoid any ageing of the
optocoupler.
The constant current biasing can be used to
simplify the secondary circuit: Instead of a TL431,
a simple zener and resistance network in series
with the optocoupler diode can insure a good
secondary regulation. As the current flowing in this
branch remains constant for the same reason as
above, typical load regulation of 1% can be
achieved from zero to full output current with this
simple configuration.
Since the dynamic characteristics of the converter
are set on the secondary side through components
associated to U3, the compensation network has
only a role of gain stabilization for the optocoupler,
and its value can be freely chosen. R5 can be set
to a fixed value of 1 k
Ω, offering the possibility of
using C7 as a soft start capacitor: When starting up
the converter, the VIPer53 device delivers a
constant current of 0.6 mA on the COMP pin,
creating a constant voltage of 0.6 V in R5 and a
rising slope across C7. This voltage shape
together with the operating range of 0.5 V to 4.5 V
15V
VDD
OSC
DRAIN
SOURCE
COMP
TOVL
U1
VIPer73
R5
R3
R4
D3
D1
C1
T1
C2
F1
R1
D2
C7
C5
C4
C6
T2
D4
C8
C10
L1
C9
R2
C3
AC IN
DC OUT
U2
U3
C12
R6
R7
R8
C11
10nF
R9
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com