Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER53SP Datasheet HTML 1Page - STMicroelectronics VIPER53SP Datasheet HTML 2Page - STMicroelectronics VIPER53SP Datasheet HTML 3Page - STMicroelectronics VIPER53SP Datasheet HTML 4Page - STMicroelectronics VIPER53SP Datasheet HTML 5Page - STMicroelectronics VIPER53SP Datasheet HTML 6Page - STMicroelectronics VIPER53SP Datasheet HTML 7Page - STMicroelectronics VIPER53SP Datasheet HTML 8Page - STMicroelectronics VIPER53SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
VIPer53DIP / VIPer53SP
5/24
ELECTRICAL CHARACTERISTICS (Tj=25°C, VDD=13V, unless otherwise specified)
SUPPLY SECTION
ERROR AMPLIFIER SECTION
Note 6. In order to insure a correct stability of the error amplifier, a capacitor of 10nF (minimum value: 8nF) should always be present on
the COMP pin.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDSstart
Drain Voltage Starting
Threshold
VDD=5V; IDD=0mA
34
50
V
IDDch1
Startup Charging Current
VDD=0 ... 5V; VDS=100V (See figure 2)
-12
mA
IDDch2
Startup Charging Current
VDD=10V; VDS=100V
(See figure 2)
-2
mA
IDDchoff
Startup Charging Current
in Thermal Shutdown
VDD=5V; VDS=100V
(See figure 5)
Tj > TSD - THYST
0mA
IDD0
Operating Supply Current
Not Switching
Fsw=0kHz; VCOMP=0V
811
mA
IDD1
Operating Supply Current
Switching
Fsw=100kHz
9mA
VDDoff
VDD Undervoltage
Shutdown Threshold
(See figure 2)
7.5
8.4
9.3
V
VDDon
VDD Startup Threshold
(See figure 2)
10.2
11.5
12.8
V
VDDhyst
VDD Threshold
Hysteresis
(See figure 2)
2.6
3.1
V
VDDovp
VDD Overvoltage
Shutdown Threshold
(See figure 7)
17
18
19
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDDreg
VDD Regulation Point
ICOMP=0mA
(See figure 3)
14.5
15
15.5
V
∆V
DDreg
VDD Regulation Point
Total Variation
ICOMP=0mA; Tj=0 ... 100°C
2%
GBW
Unity Gain Bandwidth
From Input =VDD to Output = VCOMP
ICOMP=0mA
(See figure 10)
700
kHz
AVOL
Voltage Gain
ICOMP=0mA
(See figure 10)
40
45
dB
Gm
DC Transconductance
VCOMP=2.5V
(See figure 3)
1
1.4
1.8
mS
VCOMPlo
Output Low Level
ICOMP=-0.4mA; VDD=16V
0.2
V
VCOMPhi
Output High Level
ICOMP=0.4mA; VDD=14V
(See note 6)
4.5
V
ICOMPlo
Output Sinking Current
VCOMP=2.5V; VDD=16V
(See figure 3)
-0.6
mA
ICOMPhi
Output Sourcing Current
VCOMP=2.5V; VDD=14V
(See figure 3)
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com