Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER53SP Datasheet HTML 1Page - STMicroelectronics VIPER53SP Datasheet HTML 2Page - STMicroelectronics VIPER53SP Datasheet HTML 3Page - STMicroelectronics VIPER53SP Datasheet HTML 4Page - STMicroelectronics VIPER53SP Datasheet HTML 5Page - STMicroelectronics VIPER53SP Datasheet HTML 6Page - STMicroelectronics VIPER53SP Datasheet HTML 7Page - STMicroelectronics VIPER53SP Datasheet HTML 8Page - STMicroelectronics VIPER53SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
VIPer53DIP / VIPer53SP
4/24
ELECTRICAL CHARACTERISTICS (Tj=25°C, VDD=13V, unless otherwise specified)
POWER SECTION
Note 4. On clamped inductive load
5. This parameter can be used to compute the energy dissipated at turn on Eton according to the initial drain to source voltage VDSon
and the following formula:
OSCILLATOR SECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Voltage
ID=1mA; VCOMP=0V
620
V
IDSS
Off State Drain Current
VDS=500V; VCOMP=0V; Tj=125°C
150
µA
RDS(on)
Static Drain-Source
On State Resistance
ID=1A; VCOMP=4.5V; VTOVL=0V
Tj=25°C
Tj=100°C
0.9
1
1.7
Ω
Ω
tfv
Fall Time
ID=0.2A; VIN=300V
(See figure 1 and note 4)
100
ns
trv
Rise Time
ID=1A; VIN=300V
(See figure 1 and note 4)
50
ns
Coss
Drain Capacitance
VDS=25V
170
pF
CEon
Effective Output
Capacitance
200V < VDSon < 400V
(See note 5)
60
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
FOSC1
Oscillator Frequency
Initial Accuracy
RT=8kΩ; CT=2.2nF
(See figure 9)
95
100
105
kHz
FOSC2
Oscillator Frequency
Total Variation
RT=8kΩ; CT=2.2nF
(See figure 12)
VDD=VDDon ... VDDovp; Tj=0 ... 100°C
93
100
107
kHz
VOSChi
Oscillator Peak Voltage
9
V
VOSClo
Oscillator Valley Voltage
4
V
E
ton
1
2
--- C
Eon
300
2
V
DSon
300
----------------


1.5
⋅⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com