Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 18 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VIPER53SP Datasheet HTML 14Page - STMicroelectronics VIPER53SP Datasheet HTML 15Page - STMicroelectronics VIPER53SP Datasheet HTML 16Page - STMicroelectronics VIPER53SP Datasheet HTML 17Page - STMicroelectronics VIPER53SP Datasheet HTML 18Page - STMicroelectronics VIPER53SP Datasheet HTML 19Page - STMicroelectronics VIPER53SP Datasheet HTML 20Page - STMicroelectronics VIPER53SP Datasheet HTML 21Page - STMicroelectronics VIPER53SP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
VIPer53DIP / VIPer53SP
18/24
in the current mode section. A zero due to the
RCOMP-CCOMP network is set at the same value as
the maximum load RL2 pole.
The total transfer function is shown as F(s).G(s) at
the bottom of figure 20. For maximum load (plain
line), the load pole is exactly compensated by the
zero of the error amplifier, and the result is a
perfect first order decreasing slope until it reaches
the zero of the output capacitor ESR. The error
amplifier cut off then prevents definitely any further
spurious noise or resonance from disturbing the
regulation loop.
The point where the complete transfer function has
a unity gain is known as the regulation bandwidth
and has a double interest:
– The higher it is the faster will be the reaction to
an eventual load change, and the smaller will be
the output voltage change.
– The phase shift in the complete system at this
point has to be less than 135 ° to ensure a good
stability. Generally, a first order gives 90 ° of
phase shift, and 180 ° for a second order.
In figure 20, the unity gain is reached in a first order
slope, so the stability is ensured.
The dynamic load regulation is improved by
increasing the regulation bandwidth, but some
limitations have to be respected: As the transfer
function above the zero due the capacitor ESR is
not reliable (The ESR itself is not well specified,
and other parasitic effects may take place), the
bandwidth should always be lower than the
minimum of FC and ESR zero.
As the highest bandwidth is obtained with the
highest output power (Plain line with RL2 load in
figure 20), the above criteria will be checked for
this condition and allows to define the value of
RCOMP, as the error amplifier gain depends only
on this value for this frequency range. The
following formula can be derived:
With:
And:
:
The lowest load gives another condition for
stability: The frequency FBW1 must not encounter
the second order slope generated by the load pole
and the integrator part of the error amplifier. This
condition can be met by adjusting the CCOMP
value:
With:
The above formula gives a minimum value for
CCOMP. It can be then increased to provide a
natural soft start function as this capacitor is
charged by the error amplifier current capacity
ICOMPhi at start-up.
Figure 20: Complete Converter Transfer Function
G(S)
F
FC
F
F
F(S)
F(S).G(S)
1
π R
L 1
C
OUT
⋅⋅
----------------------------------------
1
π R
L 2
C
OUT
⋅⋅
----------------------------------------
1
2
π ESR C
OUT
⋅⋅
⋅
------------------------------------------------
1
2
π R
COM P
C
CO M P
⋅⋅
⋅
----------------------------------------------------------------
FBW2
FBW1
1
1
1
3.2
P
MA X
P
OU T 2
--------------------
⋅
3.2
P
MAX
P
OUT1
--------------------
⋅
Gm R
COM P
⋅
R
COMP
P
OUT2
P
MAX
-----------------
F
BW 2 RL2 COUT
⋅⋅
Gm
------------------------------------------------
⋅
=
P
OUT2
V
OUT
2
R
L2
--------------
=
P
MAX
1
2
--- L
P
I
LIM
2
F
SW
⋅⋅
⋅
=
C
COMP
R
L1 COUT
⋅
6.3 Gm R
COMP
2
⋅⋅
---------------------------------------------
P
OUT1
P
MAX
-----------------
⋅
>
P
OUT1
V
OUT
2
R
L1
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com