Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER53SP
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53SP Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER53SP Datasheet HTML 1Page - STMicroelectronics VIPER53SP Datasheet HTML 2Page - STMicroelectronics VIPER53SP Datasheet HTML 3Page - STMicroelectronics VIPER53SP Datasheet HTML 4Page - STMicroelectronics VIPER53SP Datasheet HTML 5Page - STMicroelectronics VIPER53SP Datasheet HTML 6Page - STMicroelectronics VIPER53SP Datasheet HTML 7Page - STMicroelectronics VIPER53SP Datasheet HTML 8Page - STMicroelectronics VIPER53SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
VIPer53DIP / VIPer53SP
3/24
ABSOLUTE MAXIMUM RATINGS
Note: 1. In order to improve the ruggedness of the device versus eventual drain overvoltages, a resistance of 1 k
Ω should be inserted in
series with the TOVL pin.
THERMAL DATA
Note: 2. When mounted on a standard single-sided FR4 board with 50mm² of Cu (at least 35
µm thick) connected to the DRAIN pin.
3. When mounted on a standard single-sided FR4 board with 50mm² of Cu (at least 35
µm thick) connected to the device tab.
Symbol
Parameter
Value
Unit
VDS
Continuous Drain Source Voltage (Tj=25 ... 125°C)
(See note 1)
-0.3 ... 620
V
ID
Continuous Drain Current
Internally limited
A
VDD
Supply Voltage
0 ... 19
V
VOSC
OSC Input Voltage Range
0 ... VDD
V
ICOMP
ITOVL
COMP and TOVL Input Current Range
(See note 1)
-2 ... 2
mA
VESD
Electrostatic Discharge:
Machine Model (R=0
Ω; C=200pF)
Charged Device Model
200
1.5
V
kV
Tj
Junction Operating Temperature
Internally limited
°C
Tc
Case Operating Temperature
-40 to 150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Max Value
Unit
Rthj-case
DIP-8
20
°C/W
Rthj-amb
DIP-8
(See note 2)
80
°C/W
Rthj-case
PowerSO-10™
2
°C/W
Rthj-amb
PowerSO-10™
(See note 3)
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com