Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 8Page - STMicroelectronics L7987 Datasheet HTML 9Page - STMicroelectronics L7987 Datasheet HTML 10Page - STMicroelectronics L7987 Datasheet HTML 11Page - STMicroelectronics L7987 Datasheet HTML 12Page - STMicroelectronics L7987 Datasheet HTML 13Page - STMicroelectronics L7987 Datasheet HTML 14Page - STMicroelectronics L7987 Datasheet HTML 15Page - STMicroelectronics L7987 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Functional description
L7987
12/37
DocID025589 Rev 3
If the FSW pin is left floating, the programmed frequency is 250 kHz (typ.); if FSW pin is
connected to an external resistor the programmed switching frequency can be increased up
to 1.5 MHz, as shown in Figure 5. The required RFSW value (expressed in k) is estimated
by Equation 1:
Equation 1
Figure 5. Switching frequency programmability
To improve the line transient performance, keeping the PWM gain constant versus the input
voltage, the input voltage feed-forward is implemented by changing the slope of the
sawtooth ramp, according to the input voltage change (Figure 6 a).
The slope of the sawtooth also changes if the oscillator frequency is programmed by the
external resistor. In this way a frequency feed-forward is implemented (Figure 6 b) in order
to keep the PWM modulator gain constant versus the switching frequency.
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of
180° with respect to the clock. This delay is useful when two devices are synchronized
connecting the SYNCH pins together. When SYNCH pins are connected, the device with
a higher oscillator frequency works as master, so the slave device switches at the frequency
of the master but with a delay of half a period. This helps reducing the RMS current flowing
through the input capacitor. Up to five L7987s can be connected to the same SYNCH pin;
however, the clock phase shift from master switching frequency to slaves input clock is
180°.
The L7987 device can be synchronized to work at a higher frequency, in the range 250 kHz
- 1500 kHz, providing an external clock signal on the SYNCH pin. The synchronization
changes the sawtooth amplitude, also affecting the PWM gain (Figure 6 c). This change
must be taken into account when the loop stability is studied. In order to minimize the
change of PWM gain, the free running frequency should be set (with a resistor on the FSW
pin) only slightly lower than the external clock frequency.
This pre-adjusting of the slave IC switching frequency keeps the truncation of the ramp
sawtooth negligible.
FSW
250kHz
12500
RFSW
----------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com