Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 21Page - STMicroelectronics L7987 Datasheet HTML 22Page - STMicroelectronics L7987 Datasheet HTML 23Page - STMicroelectronics L7987 Datasheet HTML 24Page - STMicroelectronics L7987 Datasheet HTML 25Page - STMicroelectronics L7987 Datasheet HTML 26Page - STMicroelectronics L7987 Datasheet HTML 27Page - STMicroelectronics L7987 Datasheet HTML 28Page - STMicroelectronics L7987 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID025589 Rev 3
25/37
L7987
Application information
37
5.4.1
Type II compensation network
If the equivalent series resistance (RES) of the output capacitor introduces a zero with
a frequency lower than the desired bandwidth (that is: 2

RES CO > 1/BW), this zero
helps stabilize the loop. Electrolytic capacitors show non-negligible ESR (> 30 m
 typically),
so with this kind of output capacitor the type II network combined with the zero of the ESR
allows to stabilize the loop.
Figure 11. Type II compensation network
The type II compensation network transfer function, from VOUT to COMP, is computed in
Equation 20.
Equation 20
Equation 21
The following suggestions can be followed for a quite common compensation strategy,
assuming that CP << CF.
Starting from Equation 19, in case of type II compensation network and electrolytic
output capacitors the control loop gain module at s = 2
FBW allows to fix the RF/RU
ratio:
Equation 22



1
0
1
2
1
2
2
1
1
)
(
1
1
)
(
)
(
P
P
Z
F
P
F
P
F
F
F
U
U
F
COMPII
f
s
f
s
f
s
R
C
sC
C
C
s
R
sC
R
R
s
Z
s
G

F
P
F
P
U
P
F
P
F
F
Z
R
C
C
f
R
C
C
f
R
C
f
2
1
;
2
1
;
2
1
1
0
1

1
1
1
)
2
(
2
,
BW
U
F
zESR
LC
FF
BW
II
LOOP
f
R
R
f
f
k
f
s
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com