Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 18Page - STMicroelectronics L7987 Datasheet HTML 19Page - STMicroelectronics L7987 Datasheet HTML 20Page - STMicroelectronics L7987 Datasheet HTML 21Page - STMicroelectronics L7987 Datasheet HTML 22Page - STMicroelectronics L7987 Datasheet HTML 23Page - STMicroelectronics L7987 Datasheet HTML 24Page - STMicroelectronics L7987 Datasheet HTML 25Page - STMicroelectronics L7987 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Application information
L7987
22/37
DocID025589 Rev 3
The output voltage has a drop or overshoot that depends on the ESR and capacitive
charge/discharge, as roughly estimated in Equation 11:
Equation 11
where
VL is the voltage applied to the inductor during the load appliance or load release.
Equation 12
MLCC capacitors have typically low ESR to minimize the ripple but also have low
capacitance that does not minimize the voltage deviation during dynamic load variations.
Electrolytic capacitors, on the other hand, have a large capacitance which minimizes voltage
deviation during load transients whereas they do not show the same ESR values as the
MLCCs, resulting then in higher ripple voltages.
A mix between an electrolytic and MLCC capacitor can be used to minimize ripple as well as
reducing voltage deviation in dynamic mode.
The high bandwidth error amplifier of the L7987 and external compensation feature let
design a wide range of output filter configurations (including all MLCC solutions) and
perform fast transient response.
5.3
Inductor selection
The inductance value fixes the current ripple flowing through the output capacitor. So the
minimum inductance value, in order to have the expected current ripple, must be selected.
The rule to fix the current ripple value is to have a ripple at 20% - 40% of the output current.
In the continuous conduction mode (CCM), the required inductance value can be calculated
by Equation 13:
Equation 13
In order to guarantee a maximum current ripple in every condition, Equation 13 must be
evaluated in case of maximum input voltage, assuming VOUT fixed.
Increasing the value of the inductance help to reduce the current ripple but, at the same
time, strongly impacts the converter response time to a dynamic load change. The response
time is the time required by the inductor to change its current from the initial to the final
value. Until the inductor has finished its charging (or discharging) time, the output current is
supplied (or recovered) by the output capacitors.
Further, if the compensation network is properly designed, during a load variation the device
is able to properly change the duty cycle so improving the control loop transient response.
When this condition is reached the response time is only limited by the time required to
change the inductor current, basically by VIN, VOUT and L.
Minimizing the response time, at the end, can help to decrease the output filter total cost
and to reduce the application area.
V
OUT LT
I
OUT
RES OUT
I
OUT
L
I
OUT
2COUT VL
----------------------------------------
+
V
L
DMAX VIN VOUT

VOUT
=
L
VOUT
1
VOUT
VIN
--------------


I
L
FSW
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com