Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 13Page - STMicroelectronics L7987 Datasheet HTML 14Page - STMicroelectronics L7987 Datasheet HTML 15Page - STMicroelectronics L7987 Datasheet HTML 16Page - STMicroelectronics L7987 Datasheet HTML 17Page - STMicroelectronics L7987 Datasheet HTML 18Page - STMicroelectronics L7987 Datasheet HTML 19Page - STMicroelectronics L7987 Datasheet HTML 20Page - STMicroelectronics L7987 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID025589 Rev 3
17/37
L7987
Functional description
37
4.4
Low VIN operation
In normal operation (i.e. VOUT programmed lower than input voltage) when the HS MOS is
turned off, a minimum off time (TOFFMIN) interval is performed.
In case the input voltage falls close or below the programmed output voltage (low dropout,
LDO) the L7987 control loop is able to increase the duty cycle up to 100%. However, in
order to keep the boot capacitor properly recharged, a maximum HS MOS on time is limited
(TONMAX). When this limit is reached the HS MOS is turned-off and a pull-down resistor
between LX and GND is turned on until one of the following conditions is met:
A negative current limit (300 mA typ.) is reached
A timeout (1
s typ.) is reached.
So doing the L7987 device is able to work in low dropout operation, due to the advanced
boot capacitor management, and the effective maximum duty cycle is about
12 µs / 13 µs = 92%.
4.5
Overcurrent protection
The L7987 device implements an overcurrent protection by sensing the current flowing
through the Power MOSFET. Due to the noise created by the switching activity of the Power
MOSFET, the current sensing circuitry is disabled during the initial phase of the conduction
time. This avoids an erroneous detection of a fault condition. This interval is generally
known as “masking time” or “blanking time”. The masking time is about 120 ns.
If the overcurrent limit is reached, the Power MOSFET is turned off implementing pulse-by-
pulse overcurrent protection. In the overcurrent condition, the device can skip turn-on pulses
in order to keep the inductor current constant and equal to the current limit, assuming only a
slight drift due to input and output voltage variation.
If, at the end of the “masking time”, the current is higher than the overcurrent threshold, the
Power MOSFET is turned off and one pulse is skipped. If, at the following switching on,
when the “masking time” ends, the current is still higher than the overcurrent threshold, the
device skips two pulses. This mechanism is repeated and the device can skip up to seven
pulses (refer to Figure 8).
If at the end of the “masking time” the current is lower than the overcurrent threshold, the
number of skipped cycles is decreased by one unit.
As a consequence, the overcurrent/short-circuit protection acts by switching off the Power
MOSFET and reducing the switching frequency down to one eighth of the default switching
frequency, in order to keep constant the output current close to the current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com