Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 15Page - STMicroelectronics L7987 Datasheet HTML 16Page - STMicroelectronics L7987 Datasheet HTML 17Page - STMicroelectronics L7987 Datasheet HTML 18Page - STMicroelectronics L7987 Datasheet HTML 19Page - STMicroelectronics L7987 Datasheet HTML 20Page - STMicroelectronics L7987 Datasheet HTML 21Page - STMicroelectronics L7987 Datasheet HTML 22Page - STMicroelectronics L7987 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID025589 Rev 3
19/37
L7987
Functional description
37
Figure 9. Current limit and programming resistor
The minimum programmed current limit can't be lower than ISKIP = 0.5 A (typical), also in
case of foldback detection.
4.6
Overtemperature protection
It is recommended that the device never exceeds the maximum allowable junction
temperature. This temperature increase is mainly caused by the total power dissipated from
the integrated Power MOSFET.
To avoid any damage to the device when reaching high temperature, the L7987 device
implements a thermal shutdown feature: when the junction temperature reaches 170 °C
(typ.) the device turns off the Power MOSFET and shuts down.
When the junction temperature drops to 155 °C (typ.), the device restarts with a new soft-
start sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com