Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7987 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L7987
Description  Adjustable current limitation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7987 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L7987 Datasheet HTML 28Page - STMicroelectronics L7987 Datasheet HTML 29Page - STMicroelectronics L7987 Datasheet HTML 30Page - STMicroelectronics L7987 Datasheet HTML 31Page - STMicroelectronics L7987 Datasheet HTML 32Page - STMicroelectronics L7987 Datasheet HTML 33Page - STMicroelectronics L7987 Datasheet HTML 34Page - STMicroelectronics L7987 Datasheet HTML 35Page - STMicroelectronics L7987 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Demonstration board
L7987
32/37
DocID025589 Rev 3
Figure 16. L7987 demonstration board layout (top and bottom)
R6
620
0603
1% tolerance
R7
6.8 k
0603
1% tolerance
R8
47 k
0603
1% tolerance
R11
2.2 k
0603
1% tolerance
L1
10
H
5 x 5
4.9 A sat./ 41 m
Coilcraft XAL5050-103
D1
STPS3L60
SMB flat
60 V - 3 A Schottky rectifier
STMicroelectronics STPS3L60
U1
L7987
HTSSOP16
STMicroelectronics L7987
Table 7. L7987 demonstration board component list (continued)
Reference
Part
Package
Note
Manufacturer P/N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com