Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 8Page - STMicroelectronics UM0285 Datasheet HTML 9Page - STMicroelectronics UM0285 Datasheet HTML 10Page - STMicroelectronics UM0285 Datasheet HTML 11Page - STMicroelectronics UM0285 Datasheet HTML 12Page - STMicroelectronics UM0285 Datasheet HTML 13Page - STMicroelectronics UM0285 Datasheet HTML 14Page - STMicroelectronics UM0285 Datasheet HTML 15Page - STMicroelectronics UM0285 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Graphical User Interface
UM0285
12/32
3
Graphical User Interface
To execute the EK3LV02DL Evaluation Software Graphical User Interface:
1.
Click on Start > All Programs
2.
Select the folder EK3LV02DL > Executables
3.
Launch the program “EK3LV02DL Ver.1.0”
With these operations the GUI main window will appear (Figure 9); the window is composed
of four main sections as detailed below:
1.
the graphical panel (ref1), where the data coming from the sensor are graphically
represented;
2.
the upper-right corner of the window (ref2), which allows to open and to close the
communication port of the PC connected to the Evaluation Kit;
3.
the right side, which contains the “Register Read/Write” and "Direction Detection
Demo" (ref3), “Single Acquisition” (ref4) and “About EK” (ref5) blocks;
4.
the bottom of the window, which handles the continuous acquisition of the acceleration
data and displays them inside the graphical panel (ref6).
Figure 9.
Graphical User Interface: main window
ref2
ref5
ref6
ref4
ref3
ref1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com