Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 20Page - STMicroelectronics UM0285 Datasheet HTML 21Page - STMicroelectronics UM0285 Datasheet HTML 22Page - STMicroelectronics UM0285 Datasheet HTML 23Page - STMicroelectronics UM0285 Datasheet HTML 24Page - STMicroelectronics UM0285 Datasheet HTML 25Page - STMicroelectronics UM0285 Datasheet HTML 26Page - STMicroelectronics UM0285 Datasheet HTML 27Page - STMicroelectronics UM0285 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MEMS pointer
UM0285
24/32
6.1.1
Right Side: Main Controls
The buttons present on the right side of the GUI and their related function are described
hereafter:
–
Connection control: selects the COM port on which the EK board is connected to.
–
Acquisition control: starts and stops the acquisition.
–
Exit: exits from the MEMS Pointer Demo application.
6.1.2
Left Side: Pointer Application Controls
The controls present on the left side of the GUI and their related function are the followings:
–
Left Button/Right Buttons: inform on whether the left/right button present on the
Evaluation Kit is pressed.
–
X/Y-Position: shows the actual x/y coordinates of the mouse pointer on the PC
screen.
–
X/Y-Deg: shows the tilt of the Evaluation Kit along the X and Y directions which are
defined as depicted in Figure 24.
–
Tilt Control: allows to select the direction of the vertical displacement on the
screen Vs. the direction in which the board is tilted. In particular, by selecting UP
the pointer will move upward by forward tilting the Evaluation Kit. Vice versa, by
selecting DOWN the pointer will move downwards whenever the board is tilted
backward.
–
Pointer Speed: sets the sensitivity of the pointer to the inclination of the board
Figure 24.
Axis Orientation
X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com