Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 23Page - STMicroelectronics UM0285 Datasheet HTML 24Page - STMicroelectronics UM0285 Datasheet HTML 25Page - STMicroelectronics UM0285 Datasheet HTML 26Page - STMicroelectronics UM0285 Datasheet HTML 27Page - STMicroelectronics UM0285 Datasheet HTML 28Page - STMicroelectronics UM0285 Datasheet HTML 29Page - STMicroelectronics UM0285 Datasheet HTML 30Page - STMicroelectronics UM0285 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
UM0285
Supported commands
27/32
7.2.3
Stop command
The *stop command interrupts any acquisition session that has been started either with the
*start or *debug command.
7.2.4
Registers read
The *rAA command allows to read the content of the registers embedded inside the
LIS3LV02DL device mounted on the evaluation kit board. In details AA, expressed as
hexadecimal value and written lower-case, represents the address of the register to be read.
Once the read command is issued, the board will return RAAhDDh, where AA is the address
sent by the user and DD is the data present in that register.
As an example, to read the CTRL_REG1 the user shall issue the command *r20 which
returns, for example, R20hC7h.
7.2.5
Registers write
The *wAADD command allows to write the content of the registers embedded inside the
LIS3LV02DL device mounted on the evaluation kit board. In details AA and DD, expressed
as hexadecimal values and written lower-case, represent respectively the address of the
register and the data to be written. As an example, to write 0xC7 inside the CTRL_REG1 the
user shall issue the command *w20c7.
7.2.6
Single bit write
With this command it is possible to set/reset a single bit inside a given register. In details the
command *bwAA<0:7><0|1> requires to the user to specify the address AA of register in
which he/she wants to change the bit, with AA expressed as hexadecimal value and written
lower-case, followed by the position of the bit to be changed, integer between 0 and 7, and
the value, either 0 or 1, to be associated to the specified bit.
For example, to set to 1 the FS bit present inside the CTRL_REG2 the user shall issue the
command *bw2171.
7.2.7
Zon and Zoff
The Zon and Zoff commands are employed respectively to put into 3-state (i.e. high-
impedance) and to exit (i.e. normal mode) the SPI lines of the ST7-USB microcontroller
mounted on the evaluation kit. These commands allows to isolate the sensor mounted on
the board from the microprocessor in case any external control (from a different micro
mounted on a separate user board) is needed.
By default, when the kit is first turned on, the SPI lines are in 3-state mode and the user is
required to send the command *Zoff to allow the communication between the sensor and
the micro itself.
7.2.8
Device name
The *dev command retrieves the name of the device mounted on the evaluation kit
connected to the PC. For the EK3LV02DL the returned value is 3LV02DL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com