Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 21Page - STMicroelectronics UM0285 Datasheet HTML 22Page - STMicroelectronics UM0285 Datasheet HTML 23Page - STMicroelectronics UM0285 Datasheet HTML 24Page - STMicroelectronics UM0285 Datasheet HTML 25Page - STMicroelectronics UM0285 Datasheet HTML 26Page - STMicroelectronics UM0285 Datasheet HTML 27Page - STMicroelectronics UM0285 Datasheet HTML 28Page - STMicroelectronics UM0285 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
UM0285
Supported commands
25/32
7
Supported commands
The EK3LV02DL board is equipped with a dedicated firmware which supports a set of
commands that allow to control the 3-axis digital output MEMS sensor mounted on the
board and to acquire the measured acceleration data.
The firmware handles also the communication between the EK board and the PC through
the USB bus. Through the usage of these commands it is possible to control the 3-axis
digital output MEMS sensor mounted on the board and to acquire the measured
acceleration data, thus allowing the user to easy write his/her own applications which exploit
the mounted accelerometer.
This section describes the commands that are supported by the firmware loaded onto the
microcontroller of the EK3LV02DL Evaluation Kit.
7.1
Getting Started
Before using the commands described in the next paragraphs, the following procedure must
be performed:
1.
Connect the EK3LV02DL to the USB port
2.
Start an appropriate software which allows to send the command through the Virtual
serial port. The remaining part of this document will suppose the usage of the “Hyper
Terminal”.
3.
Create a new connection; for example name it “EK3LV02DL” and click OK;
4.
In the “Connect Using” field select the right Virtual COM port onto which the USB port
has been mapped.
5.
Set the port to 115200 Bit per second, 8 Data bits, Parity None; 1 Stop bit, Flow control
None and then click OK.
6.
In the Hyper Terminal select “Files > Properties > Settings” and then click onto the
“ASCII Setup” button.
7.
Select “Send line ends with line feeds” and “Echo typed characters locally”.
8.
Click onto OK button to close the “ASCII Setup” window.
9.
Click onto OK button to close the “Properties” window.
Once this procedure has been completed the user can send to the EK3LV02DL the
commands described in the following sections by typing the commands themselves in the
“Hyper Terminal” window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com