Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 15Page - STMicroelectronics UM0285 Datasheet HTML 16Page - STMicroelectronics UM0285 Datasheet HTML 17Page - STMicroelectronics UM0285 Datasheet HTML 18Page - STMicroelectronics UM0285 Datasheet HTML 19Page - STMicroelectronics UM0285 Datasheet HTML 20Page - STMicroelectronics UM0285 Datasheet HTML 21Page - STMicroelectronics UM0285 Datasheet HTML 22Page - STMicroelectronics UM0285 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
UM0285
Graphical User Interface
19/32
3.
to navigate through a map (Map Browsing) (Figure 20). The image to be shown is
selected through the “Load Image” button. A map stored inside the file “mapa-
mundi.jpg” is provided as an example.
Figure 20.
Map Browsing
3.5
About_EK
Clicking on the “About_EK” button located into the “About EK” section (Figure 9, ref5) it is
possible to obtain informations about the version of the GUI, about the firmware running on
the Evaluation Kit and about the version MEMS accelerometer mounted onto the board.
These information are retrieved by using the buttons “Mounted Device” and “Software
Version” which are shown in “Evaluation Kit Info” window (Figure 21). Once the information
about the device are displayed on the screen it is possible to get an explanation of their
meaning by moving the mouse over the different parts of the device name (LIS 3LV 02 DL).
Please notice that if the connection is not working properly an error message will be shown.
This feature allows to test the connection between the board and the host computer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com