Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 13Page - STMicroelectronics UM0285 Datasheet HTML 14Page - STMicroelectronics UM0285 Datasheet HTML 15Page - STMicroelectronics UM0285 Datasheet HTML 16Page - STMicroelectronics UM0285 Datasheet HTML 17Page - STMicroelectronics UM0285 Datasheet HTML 18Page - STMicroelectronics UM0285 Datasheet HTML 19Page - STMicroelectronics UM0285 Datasheet HTML 20Page - STMicroelectronics UM0285 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
UM0285
Graphical User Interface
17/32
Figure 16.
Board Axis Definition
Clicking on the “Setup” button (Figure 14, ref1) the “Acquisition Setup” window will open.
This window allows to program the output datarate of the LIS3LV02DL device. By default it is
set to 40Hz (corresponding to a signal bandwidth @ -3dB of 10Hz); to modify this parameter
the user has to select the desired value from the related pop up menu (Figure 14, ref3).
The “Acquisition Setup” window allows to change also the device Full Scale (Figure 14, ref4)
and to put in tri-state mode the lines of the microcontroller SPI serial interface (Figure 14,
ref5). The latter feature has been implemented to guarantee to advanced users the full-
control of the MEMS lines through a different source (i.e. from a separate controller).
The section related to “Graphics Amplification” (Figure 14, ref5) allows to zoom the data
plotted on the screen. Please notice that the horizontal and vertical gains do not change the
resolution of the device; they only impact on the way in which data are shown on the screen.
Last but not least, the “Acquisition Setup” window allows the user to select the file where the
acquired data values have to be stored (Figure 14, ref7). In particular the file in which the
data are saved reports the informations about each acquisition session and contains the
acquired samples in three different fields.
In order to apply the settings defined with the “Acquisition Setup” window it is necessary to
push on the “OK” button (Figure 14, ref8). These settings will be used for any subsequent
acquisition (until their next modification) and can not be changed while the acquisition is
running.
The main panel of the GUI allows also to plot the acceleration data in three ways (Figure 9,
ref6):
Y
Z
X
USB CONNECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com