Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0285 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0285
Description  Evaluation Kit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0285 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0285 Datasheet HTML 24Page - STMicroelectronics UM0285 Datasheet HTML 25Page - STMicroelectronics UM0285 Datasheet HTML 26Page - STMicroelectronics UM0285 Datasheet HTML 27Page - STMicroelectronics UM0285 Datasheet HTML 28Page - STMicroelectronics UM0285 Datasheet HTML 29Page - STMicroelectronics UM0285 Datasheet HTML 30Page - STMicroelectronics UM0285 Datasheet HTML 31Page - STMicroelectronics UM0285 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Bill Of Material
UM0285
30/32
9
Bill Of Material
The Bill of Material for the EK3LV02DL evaluation kit is given in Table 2.
Table 2.
Bill Of Material
Designator
Description
Comment
Footprint
C1
10u
C1206_POL
C2
4u7
C1206_POL
C3
4u7
C1206_POL
C4
Capacitor
100n
0805
C5
Capacitor
100n
0805
C6
Capacitor
100n
0805
C7
Capacitor
100n
0805
C8
Capacitor
47n
0805
C9
Capacitor
220n
0805
C10
10u
C1206_POL
Cosc1
Capacitor
33p
0805
Cosc2
Capacitor
33p
0805
D1
SMD_LED red
SMD_LED
D3
SMD_LED green
SMD_LED
D4
SMD_LED_3C
J1
USB_B
USB_B
J2
ICP
HEADER_5X2_A
J3
Header, 7-Pin
SPI
HDR1X7
R1
180R
0805
R2
100R
0805
R3
100R
0805
R5
100R
0805
R6
1k5
0805
R7
10K
0805
R8
10K
0805
Riccsel1
10k
0805
SW1
NReset
SMT_Button
SW2
SMT_Button
SMT_Button
SW3
SMT_Button
SMT_Button
U1
LIS3LV02DL
TLGA_4.4x7.5x1_16L
U2
ST72F651AR6T1E
TQFP64_10x10
Yoscm1
Crystal
12MHz
OSC_SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com