Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 5Page - STMicroelectronics LNBH23L Datasheet HTML 6Page - STMicroelectronics LNBH23L Datasheet HTML 7Page - STMicroelectronics LNBH23L Datasheet HTML 8Page - STMicroelectronics LNBH23L Datasheet HTML 9Page - STMicroelectronics LNBH23L Datasheet HTML 10Page - STMicroelectronics LNBH23L Datasheet HTML 11Page - STMicroelectronics LNBH23L Datasheet HTML 12Page - STMicroelectronics LNBH23L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LNBH23L
Pin configuration
Doc ID 15335 Rev 4
9/25
Pin n°
Symbol
Name
Pin function
Epad
Epad
Exposed pad
To be connected with power grounds and to the ground layer
through vias to dissipate the heat.
20
A-GND
Analog ground
Analog circuits ground.
15
BYP
By-pass capacitor
Needed for internal pre-regulator filtering. The BYP pin is
intended only to connect an external ceramic capacitor. Any
connection of this pin to external current or voltage sources
may cause permanent damage to the device.
10
ADDR
Address setting
Two I²C bus addresses available by setting the Address pin
level voltage. See address pin characteristics table.
28
ISEL
Current selection
The resistor “RSEL” connected between ISEL and GND defines
the linear regulator current limit threshold by the equation:
IMAX(typ.) = 10000 / RSEL.
30
Reserved
Reserved
To be left floating. Do not connect to GND.
1, 2, 3, 7, 8,
16, 17, 23,
24, 25, 26,
31, 32
N.C.
Not internally
connected
Not internally connected pins. These pins can be connected to
GND to improve thermal performances.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com