Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 18 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 14Page - STMicroelectronics LNBH23L Datasheet HTML 15Page - STMicroelectronics LNBH23L Datasheet HTML 16Page - STMicroelectronics LNBH23L Datasheet HTML 17Page - STMicroelectronics LNBH23L Datasheet HTML 18Page - STMicroelectronics LNBH23L Datasheet HTML 19Page - STMicroelectronics LNBH23L Datasheet HTML 20Page - STMicroelectronics LNBH23L Datasheet HTML 21Page - STMicroelectronics LNBH23L Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
LNBH23L software description
LNBH23L
18/25
Doc ID 15335 Rev 4
Values are typical unless otherwise specified.
x = don’t care.
7.5
Power-on I²C interface reset
I²C interface built in LNBH23L is automatically reset at power-on. As long as the VCC stays
below the under voltage lockout (UVL) threshold (6.7 V), the interface does not respond to
any I²C command and the system register (SR) is initialized to all zeroes, thus keeping the
power blocks disabled. Once the VCC rises above 7.3 V typ. The I²C interface becomes
operative and the SR can be configured by the main microprocessor. This is due to 500 mV
of hysteresis provided in the UVL threshold to avoid false retriggering of the power-on reset
circuit.
7.6
Address pin
It is possible to select two I²C interface addresses by means of ADDR pin. This pin is TTL
compatible and can be set as per address pin characteristics Table 10.
7.7
DiSEqC™ implementation
LNBH23L helps system designer to implement DiSEqC 1.x protocol by allowing an easy
PWK modulation of the 22 kHz carrier through the EXTM and VoTX pins. Full compliance of
the system to the specification is thus not implied by the bare use of the LNBH23L (see
Figure 3, Figure 4 and Figure 5).
Table 7.
Register
TEST1
TEST2
TEST3
LLC
VSEL
EN
OTF
OLF
Function
These bits are read
exactly the same as
they were left after
last write operation
0TJ < 135°C, normal operation
1TJ > 150°C, power blocks disabled
0IO < IOMAX, normal operation
1IO > IOMAX, Overload protection triggered
XX
X
These bits status must be disregarded by the
MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com