Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 13Page - STMicroelectronics LNBH23L Datasheet HTML 14Page - STMicroelectronics LNBH23L Datasheet HTML 15Page - STMicroelectronics LNBH23L Datasheet HTML 16Page - STMicroelectronics LNBH23L Datasheet HTML 17Page - STMicroelectronics LNBH23L Datasheet HTML 18Page - STMicroelectronics LNBH23L Datasheet HTML 19Page - STMicroelectronics LNBH23L Datasheet HTML 20Page - STMicroelectronics LNBH23L Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LNBH23L
LNBH23L software description
Doc ID 15335 Rev 4
17/25
X = don't care
All values are typical unless otherwise specified
Valid with TTX pin floating
7.4
Diagnostic received data (I²C read mode)
LNBH23L can provide to the MCU master a copy of the diagnostic system register
information via I²C bus in read mode. The read mode is master activated by sending the
chip address with R/W bit set to 1. At the following master generated clocks bits, LNBH23L
issues a byte on the SDA data bus line (MSB transmitted first). At the ninth clock bit the
Master can:
Acknowledge the reception, starting in this way the transmission of another byte from
the LNBH23L
No acknowledge, stopping the read mode communication
Three bits of the register are read back as a copy of the corresponding write output voltage
register status (LLC, VSEL, EN), two bits convey diagnostic information about the over-
temperature (OTF), output over-load (OLF) and three bit are for internal usage (TEST1-2-3)
and must be disregarded by the MCU software. In normal operation the diagnostic bits are
set to zero, while, if a failure is occurring, the corresponding bit is set to one. At start-up all
the bits are reset to zero.
Table 6.
Truth table
PCL
TTX
TEN
LLC
VSEL
EN
TEST4 TEST5
Function
00
0
1
0
0
VoRX = 13.4 V, VUP = 14.5 V, (VUP - VoRX = 1.1 V)
00
1
1
0
0
VoRX = 18.4 V, VUP = 19.5 V, (VUP - VoRX = 1.1 V)
01
0
1
0
0
VoRX = 14.4 V, VUP=15.5 V, (VUP-VoRX=1.1 V)
01
1
1
0
0
VoRX = 19.5V, VUP=20.6 V, (VUP-VoRX=1.1 V)
00
1
0
0
Internal 22 kHz generator disabled, EXTM
modulation enabled
10
1
0
0
Internal 22 kHz controlled by DSQIN pin (only if
TTX=1)
1
1
1
0
0
Internal 22 kHz tone output is always activated
01
0
0
VoRX output is ON, VoTX Tone generator output is
OFF
11
0
0
VoRX output is ON, VoTX Tone generator output is
ON
0
X
1
0
0
Pulsed (Dynamic) current limiting is selected
1
X
1
0
0
Static current limiting is selected
X
X
X
X
X
0
0
0
Power block disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com