Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 8Page - STMicroelectronics LNBH23L Datasheet HTML 9Page - STMicroelectronics LNBH23L Datasheet HTML 10Page - STMicroelectronics LNBH23L Datasheet HTML 11Page - STMicroelectronics LNBH23L Datasheet HTML 12Page - STMicroelectronics LNBH23L Datasheet HTML 13Page - STMicroelectronics LNBH23L Datasheet HTML 14Page - STMicroelectronics LNBH23L Datasheet HTML 15Page - STMicroelectronics LNBH23L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Typical application circuit
LNBH23L
12/25
Doc ID 15335 Rev 4
Figure 5.
DiSEqC 1.x using external 22 kHz tone generator source through EXTM pin
L1
C6
470nF
D3
Vin
12V
to LNB
500mA max
D2
LX
Vup
VoRX
C1
LNBH23L
P-GND
A -GND
D1
C10
220nF
C4
470nF
VoTX
I2C Bus
SCL
EXTM
ADDR
TTX
C15
220nF
22KHz signal source
{
SDA
PDC
ISEL
Byp
C11
220nF
DSQIN
C3
Vcc-L
Vcc
C8
220nF
L1
C6
D3
D3
Vin
12V
to LNB
500mA max
D2
D2
C1
LNBH23L
D1
D1
C10
220nF
C10
220nF
C4
470nF
C4
470nF
I2
C15
220nF
C15
220nF
22KHz signal source
{
PDC
ISEL
C11
220nF
DSQIN
PDC
ISEL
R2 (RSEL)
15kOhm
DSQIN
L1
C6
470nF
D3
Vin
12V
to LNB
500mA max
D2
LX
Vup
VoRX
C1
LNBH23L
P-GND
A -GND
D1
C10
220nF
C4
470nF
VoTX
I2C Bus
SCL
EXTM
ADDR
TTX
C15
220nF
22KHz signal source
{
SDA
PDC
ISEL
Byp
C11
220nF
DSQIN
C3
Vcc-L
Vcc
C8
220nF
L1
C6
D3
D3
Vin
12V
to LNB
500mA max
D2
D2
C1
LNBH23L
D1
D1
C10
220nF
C10
220nF
C4
470nF
C4
470nF
D1
D1
C10
220nF
C10
220nF
C4
470nF
C4
470nF
I2
C15
220nF
C15
220nF
22KHz signal source
{
PDC
ISEL
C11
220nF
DSQIN
PDC
ISEL
R2 (RSEL)
15kOhm
DSQIN
Table 5.
BOM list
Component
Notes
R2, R9, R5 (1)
1/16 W resistors. Refer to the typical application circuit for the relative values
R7 (1), R8 (1)
1/2 W resistors. Refer to the typical application circuit for the relative values
C1
25 V electrolytic capacitor, 100 µF or higher is suitable
C3
25 V, 220 µF electrolytic capacitor, ESR in the 100 m
Ω to 350 mΩ range
C4, C6, C8, C10, C11, C15,
C14 (1)
25 V ceramic capacitors. Refer to the typ. appl. circuit for the relative values
D1
STPS130A or any similar schottky diode with VRRM > 25 V and IF(AV) higher than:
IF(AV) > IOUT_MAX x (VUP_MAX/VIN_MIN)
D2
BAT43, 1N5818, or any schottky diode with IF(AV) > 0.2 A, VRRM > 25 V, VF < 0.5 V. To
be placed as close as possible to VoRX pin
D3
1N4001-07 or any similar general purpose rectifier
TR1 (1)
BC817 or similar NPN general-purpose transistor.
L1
22 µH inductor with ISAT > IPEAK where IPEAK is the boost converter peak current (see
Equation 1)
1.
These components can be added to avoid any 22 kHz tone distortion due to heavy capacitive output loads. If not needed
they can be removed leaving the PDC pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com