Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 20 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 16Page - STMicroelectronics LNBH23L Datasheet HTML 17Page - STMicroelectronics LNBH23L Datasheet HTML 18Page - STMicroelectronics LNBH23L Datasheet HTML 19Page - STMicroelectronics LNBH23L Datasheet HTML 20Page - STMicroelectronics LNBH23L Datasheet HTML 21Page - STMicroelectronics LNBH23L Datasheet HTML 22Page - STMicroelectronics LNBH23L Datasheet HTML 23Page - STMicroelectronics LNBH23L Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Electrical characteristics
LNBH23L
20/25
Doc ID 15335 Rev 4
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VEXTM
External modulation input
voltage
EXTM AC coupling (1)
400
mVPP
ZEXTM
External modulation
impedance
2.0
k
Ω
EffDC-DC DC-DC converter efficiency
IOUT=500mA
93
%
FSW
DC-DC converter switching
frequency
220
kHz
VIL
DSQIN,TTX, pin logic low
0.8
V
VIH
DSQIN,TTX, pin logic high
2
V
IIH
DSQIN,TTX, pin input current VIH=5V
15
µA
IOBK
Output backward current
EN=0, VOBK=21V
-6
-15
mA
TSHDN
Thermal shut-down threshold
150
°C
ΔT
SHDN
Thermal shut-down
hysteresis
15
°C
1.
External signal maximum voltage for which the EXTM function is guaranteed.
Table 8.
Electrical characteristics (continued)
Table 9.
I²C electrical characteristics (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
LOW level input voltage
SDA, SCL
0.8
V
VIH
HIGH level input voltage
SDA, SCL
2
V
II
Input current
SDA, SCL, VI = 0.4 to 4.5V
-10
10
µA
VOL
Low level output voltage
SDA (open drain), IOL = 6mA
0.6
V
fMAX
Maximum clock frequency
SCL
400
kHz
1.
TJ from 0 to 85 °C, VI = 12 V.
Table 10.
Address pins characteristics (1)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VADDR-1
"0001010(R/W)" Address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
00.8
V
VADDR-2
"0001011(RW)" Address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
25
V
VADDR-3
(2)
"0001000(RW)" Address pin
voltage range
R/W bit determines the transmission
mode: read (R/W=1) write (R/W=0)
05
V
1.
TJ from 0 to 85 °C, VI = 12 V
2.
This I²C address is reserved only for internal usage. Do not use this address with other I²C peripherals to avoid address
conflicts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com