Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 16 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 12Page - STMicroelectronics LNBH23L Datasheet HTML 13Page - STMicroelectronics LNBH23L Datasheet HTML 14Page - STMicroelectronics LNBH23L Datasheet HTML 15Page - STMicroelectronics LNBH23L Datasheet HTML 16Page - STMicroelectronics LNBH23L Datasheet HTML 17Page - STMicroelectronics LNBH23L Datasheet HTML 18Page - STMicroelectronics LNBH23L Datasheet HTML 19Page - STMicroelectronics LNBH23L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LNBH23L software description
LNBH23L
16/25
Doc ID 15335 Rev 4
7
LNBH23L software description
7.1
Interface protocol
The interface protocol comprises:
●
A start condition (S)
●
A chip address byte (the LSB bit determines read (=1)/write (=0) transmission)
●
A sequence of data (1 byte + acknowledge)
●
A stop condition (P)
ACK = Acknowledge
S = Start
P = Stop
R/W = 1/0, Read/Write bit
X = 0/1, two addresses selectable by ADDR pin (see Table 10)
7.2
System register (SR, 1 byte)
Write = control bits functions in write mode
Read= diagnostic bits in read mode.
All bits reset to 0 at Power-on
7.3
Transmitted data (I²C bus write mode)
When the R/W bit in the chip address is set to 0, the main microprocessor can write on the
system register (SR) of the LNBH23L via I²C bus. 6 bits are available and can be written by
the microprocessor to control the device functions as per the below truth table Table 6.
Section address (A or B)
Data
MSB
LSB
MSB
LSB
S
0
0
0
1
0
1
X
R/W ACK
ACK
P
Mode
MSB
LSB
Write
PCL
TTX
TEN
LLC
VSEL
EN
TEST4
TEST5
Read
TEST1
TEST2
TEST3
LLC
VSEL
EN
OTF
OLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com