Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH23L Datasheet(PDF) 11 Page - STMicroelectronics

Part # LNBH23L
Description  Selectable output current limit by external resistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LNBH23L Datasheet HTML 7Page - STMicroelectronics LNBH23L Datasheet HTML 8Page - STMicroelectronics LNBH23L Datasheet HTML 9Page - STMicroelectronics LNBH23L Datasheet HTML 10Page - STMicroelectronics LNBH23L Datasheet HTML 11Page - STMicroelectronics LNBH23L Datasheet HTML 12Page - STMicroelectronics LNBH23L Datasheet HTML 13Page - STMicroelectronics LNBH23L Datasheet HTML 14Page - STMicroelectronics LNBH23L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LNBH23L
Typical application circuit
Doc ID 15335 Rev 4
11/25
5
Typical application circuit
Figure 3.
DiSEqC 1.x using internal 22 kHz tone generator
D3
L1
C6
470nF
Vin
12V
to LNB
500mA max
D2
{
I2C Bus
SDA
SCL
PDC
LX
Vup
Vcc-L
Vcc
VoRX
EXTM
ADDR
C1
C8
220nF
LNBH23L
TTX
P-GND
A-GND
D1
C10
220nF
C4
470nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
DSQIN
C15
47nF
R9
1.5KOhm
C3
Tone Enable control
TTL
D3
D3
L1
C6
470nF
Vin
12V
to LNB
500mA max
D2
D2
{
I2C Bus
SDA
SCL
PDC
LX
Vup
Vcc-L
Vcc
VoRX
EXTM
ADDR
C1
C8
220nF
C8
220nF
LNBH23L
TTX
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
C4
470nF
C4
470nF
VoTX
ISEL
R2 (RSEL)
15kOhm
R2 (RSEL)
15kOhm
Byp
C11
220nF
Byp
C11
220nF
C11
220nF
DSQIN
C15
47nF
R9
1.5KOhm
R9
1.5KOhm
C3
C3
C3
Tone Enable control
TTL
Tone Enable control
TTL
Figure 4.
DiSEqC 1.x using internal 22 kHz tone generator and "optional" PDC circuit
D3
L1
C6
470nF
Vin
12V
to LNB
500mA max
D2
{
I2C Bus
SDA
SCL
PDC
LX
Vup
Vcc-L
Vcc
VoRX
EXTM
ADDR
C1
C8
220nF
LNBH23L
TTX
P-GND
A-GND
D1
C10
220nF
C4
470nF
VoTX
ISEL
R2 (RSEL)
15kOhm
Byp
C11
220nF
DSQIN
C15
47nF
R9
1.5KOhm
C3
Tone Enable control
TTL
Diode
1N4148
*R7
22 Ohm
*C14
1nF
(*) OPTIONAL components.
To be used only in case
of heavy capacitive load
*R5
2.2K Ohm
3.3V
*TR1
*R8
150 Ohm
D3
D3
L1
C6
470nF
Vin
12V
to LNB
500mA max
D2
D2
{
I2C Bus
SDA
SCL
PDC
LX
Vup
Vcc-L
Vcc
VoRX
EXTM
ADDR
C1
C8
220nF
C8
220nF
LNBH23L
TTX
P-GND
A-GND
P-GND
A-GND
D1
D1
C10
220nF
C10
220nF
C4
470nF
C4
470nF
VoTX
ISEL
R2 (RSEL)
15kOhm
R2 (RSEL)
15kOhm
Byp
C11
220nF
Byp
C11
220nF
C11
220nF
DSQIN
C15
47nF
R9
1.5KOhm
R9
1.5KOhm
C3
C3
C3
Tone Enable control
TTL
Tone Enable control
TTL
Diode
1N4148
*R7
22 Ohm
*C14
1nF
(*) OPTIONAL components.
To be used only in case
of heavy capacitive load
*R5
2.2K Ohm
3.3V
*TR1
*R8
150 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com