Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 48Page - STMicroelectronics SPC560P44L3 Datasheet HTML 49Page - STMicroelectronics SPC560P44L3 Datasheet HTML 50Page - STMicroelectronics SPC560P44L3 Datasheet HTML 51Page - STMicroelectronics SPC560P44L3 Datasheet HTML 52Page - STMicroelectronics SPC560P44L3 Datasheet HTML 53Page - STMicroelectronics SPC560P44L3 Datasheet HTML 54Page - STMicroelectronics SPC560P44L3 Datasheet HTML 55Page - STMicroelectronics SPC560P44L3 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 112 page
background image
Electrical characteristics
SPC560P44Lx, SPC560P50Lx
52/112
Doc ID 14723 Rev 9
Figure 5.
Power supplies constraints (–0.3 V
≤ V
DD_HV_IOx ≤ 6.0 V)
The SPC560P44Lx, SPC560P50Lx supply architecture allows of having ADC supply
managed independently from standard VDD_HV supply. Figure 6 shows the constraints of
the ADC power supply.
Figure 6.
Independent ADC supply (–0.3 V
≤ V
DD_HV_REG ≤ 6.0 V)
VDD_HV_xxx
VDD_HV_IOx
–0.3 V
6.0 V
–0.3 V
6.0 V
VDD_HV_ADCx
6.0 V
VDD_HV_REG
–0.3 V
2.7 V
–0.3 V
6.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com