Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 49Page - STMicroelectronics SPC560P44L3 Datasheet HTML 50Page - STMicroelectronics SPC560P44L3 Datasheet HTML 51Page - STMicroelectronics SPC560P44L3 Datasheet HTML 52Page - STMicroelectronics SPC560P44L3 Datasheet HTML 53Page - STMicroelectronics SPC560P44L3 Datasheet HTML 54Page - STMicroelectronics SPC560P44L3 Datasheet HTML 55Page - STMicroelectronics SPC560P44L3 Datasheet HTML 56Page - STMicroelectronics SPC560P44L3 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Electrical characteristics
Doc ID 14723 Rev 9
53/112
3.4
Recommended operating conditions
Table 10.
Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max(1)
VSS
SR Device ground
—
0
0
V
VDD_HV_IOx
(2)
SR
5.0 V input/output supply
voltage
—4.5
5.5
V
VSS_HV_IOx
SR Input/output ground voltage
—
0
0
V
VDD_HV_FL
SR
5.0 V code and data flash
supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx +0.1
VSS_HV_FL
SR Code and data flash ground
—
0
0
V
VDD_HV_OSC
SR
5.0 V crystal oscillator amplifier
supply voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx +0.1
VSS_HV_OSC
SR
5.0 V crystal oscillator amplifier
reference voltage
—0
0
V
VDD_HV_REG
SR
5.0 V voltage regulator supply
voltage
—4.5
5.5
V
Relative to
VDD_HV_IOx
VDD_HV_IOx – 0.1 VDD_HV_IOx +0.1
VDD_HV_ADC0
(3)
SR
5.0 V ADC_0 supply and high
reference voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_REG – 0.1
—
VSS_HV_ADC0
SR
ADC_0 ground and low
reference voltage
—0
0
V
VDD_HV_ADC1
(3)
SR
5.0 V ADC_1 supply and high
reference voltage
—4.5
5.5
V
Relative to
VDD_HV_REG
VDD_HV_REG – 0.1
—
VSS_HV_ADC1
SR
ADC_1 ground and low
reference voltage
—0
0
V
VDD_LV_REGCOR
(4),
(5)
CC Internal supply voltage
—
—
—
V
VSS_LV_REGCOR
(4) SR Internal reference voltage
—
0
0
V
VDD_LV_CORx
(4),(5) CC Internal supply voltage
—
—
—
V
VSS_LV_CORx
(4)
SR Internal reference voltage
—
0
0
V
TA
SR
Ambient temperature under
bias
fCPU = 64 MHz
–40
105
°C
fCPU = 60 MHz
–40
125
1.
Parametric figures can be out of specification when voltage drops below 4.5 V, however, guaranteeing the full functionality.
In particular, ADC electrical characteristics and I/Os DC electrical specification may not be guaranteed.
2.
The difference between each couple of voltage supplies must be less than 100 mV, |VDD_HV_IOy – VDD_HV_IOx | < 100 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com