Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 15Page - STMicroelectronics SPC560P44L3 Datasheet HTML 16Page - STMicroelectronics SPC560P44L3 Datasheet HTML 17Page - STMicroelectronics SPC560P44L3 Datasheet HTML 18Page - STMicroelectronics SPC560P44L3 Datasheet HTML 19Page - STMicroelectronics SPC560P44L3 Datasheet HTML 20Page - STMicroelectronics SPC560P44L3 Datasheet HTML 21Page - STMicroelectronics SPC560P44L3 Datasheet HTML 22Page - STMicroelectronics SPC560P44L3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Introduction
Doc ID 14723 Rev 9
19/112
The SIU provides the following features:
●
Centralized general purpose input output (GPIO) control of as many as 80 input/output
pins and 26 analog input-only pads (package dependent)
●
All GPIO pins can be independently configured to support pull-up, pull down, or no pull
●
Reading and writing to GPIO supported both as individual pins and 16-bit wide ports
●
All peripheral pins (except ADC channels) can be alternatively configured as both
general purpose input or output pins
●
ADC channels support alternative configuration as general purpose inputs
●
Direct readback of the pin value is supported on all pins through the SIUL
●
Configurable digital input filter that can be applied to some general purpose input pins
for noise elimination: as many as 4 internal functions can be multiplexed onto 1 pin
1.5.17
Boot and censorship
Different booting modes are available in the SPC560P44Lx, SPC560P50Lx: booting from
internal flash memory and booting via a serial link.
The default booting scheme uses the internal flash memory (an internal pull-down is used to
select this mode). Optionally, the user can boot via FlexCAN or LINFlex (using the boot
assist module software).
A censorship scheme is provided to protect the content of the flash memory and offer
increased security for the entire device.
A password mechanism is designed to grant the legitimate user access to the non-volatile
memory.
Boot assist module (BAM)
The BAM is a block of read-only one-time programmed memory and is identical for all
SPC560Pxx devices that are based on the e200z0h core. The BAM program is executed
every time the device is powered on if the alternate boot mode has been selected by the
user.
The BAM provides the following features:
●
Serial bootloading via FlexCAN or LINFlex
●
Ability to accept a password via the used serial communication channel to grant the
legitimate user access to the non-volatile memory
1.5.18
Error correction status module (ECSM)
The ECSM provides a myriad of miscellaneous control functions regarding program-visible
information about the platform configuration and revision levels, a reset status register, a
software watchdog timer, wakeup control for exiting sleep modes, and information on
platform memory errors reported by error-correcting codes and/or generic access error
information for certain processor cores.
The Error Correction Status Module supports a number of miscellaneous control functions
for the platform. The ECSM includes these features:
●
Registers for capturing information on platform memory errors if error-correcting codes
(ECC) are implemented
●
For test purposes, optional registers to specify the generation of double-bit memory
errors are enabled on the SPC560P44Lx, SPC560P50Lx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com