Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 11Page - STMicroelectronics SPC560P44L3 Datasheet HTML 12Page - STMicroelectronics SPC560P44L3 Datasheet HTML 13Page - STMicroelectronics SPC560P44L3 Datasheet HTML 14Page - STMicroelectronics SPC560P44L3 Datasheet HTML 15Page - STMicroelectronics SPC560P44L3 Datasheet HTML 16Page - STMicroelectronics SPC560P44L3 Datasheet HTML 17Page - STMicroelectronics SPC560P44L3 Datasheet HTML 18Page - STMicroelectronics SPC560P44L3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Introduction
Doc ID 14723 Rev 9
15/112
The flash memory module provides the following features:
●
As much as 576 KB flash memory
–
8 blocks (32 KB + 2×16 KB + 32 KB + 32 KB + 3×128 KB) code flash
–
4 blocks (16 KB + 16 KB + 16 KB + 16 KB) data flash
–
Full Read While Write (RWW) capability between code and data flash
●
Four 128-bit wide prefetch buffers to provide single cycle in-line accesses (prefetch
buffers can be configured to prefetch code or data or both)
●
Typical flash memory access time: 0 wait states for buffer hits, 2 wait states for page
buffer miss at 64 MHz
●
Hardware managed flash memory writes handled by 32-bit RISC Krypton engine
●
Hardware and software configurable read and write access protections on a per-master
basis
●
Configurable access timing allowing use in a wide range of system frequencies
●
Multiple-mapping support and mapping-based block access timing (up to 31 additional
cycles) allowing use for emulation of other memory types.
●
Software programmable block program/erase restriction control
●
Erase of selected block(s)
●
Read page sizes
–
Code flash memory: 128 bits (4 words)
–
Data flash memory: 32 bits (1 word)
●
ECC with single-bit correction, double-bit detection for data integrity
–
Code flash memory: 64-bit ECC
–
Data flash memory: 64-bit ECC
●
Embedded hardware program and erase algorithm
●
Erase suspend, program suspend and erase-suspended program
●
Censorship protection scheme to prevent flash memory content visibility
●
Hardware support for EEPROM emulation
1.5.5
Static random access memory (SRAM)
The SPC560P44Lx, SPC560P50Lx SRAM module provides up to 40 KB of general-purpose
memory.
The SRAM module provides the following features:
●
Supports read/write accesses mapped to the SRAM from any master
●
Up to 40 KB general purpose SRAM
●
Supports byte (8-bit), half word (16-bit), and word (32-bit) writes for optimal use of
memory
●
Typical SRAM access time: 0 wait-state for reads and 32-bit writes; 1 wait state for 8-
and 16-bit writes if back to back with a read to same memory block
1.5.6
Interrupt controller (INTC)
The interrupt controller (INTC) provides priority-based preemptive scheduling of interrupt
requests, suitable for statically scheduled hard real-time systems. The INTC handles 147
selectable-priority interrupt sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com