Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 30Page - STMicroelectronics SPC560P44L3 Datasheet HTML 31Page - STMicroelectronics SPC560P44L3 Datasheet HTML 32Page - STMicroelectronics SPC560P44L3 Datasheet HTML 33Page - STMicroelectronics SPC560P44L3 Datasheet HTML 34Page - STMicroelectronics SPC560P44L3 Datasheet HTML 35Page - STMicroelectronics SPC560P44L3 Datasheet HTML 36Page - STMicroelectronics SPC560P44L3 Datasheet HTML 37Page - STMicroelectronics SPC560P44L3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 112 page
background image
Package pinouts and signal descriptions
SPC560P44Lx, SPC560P50Lx
34/112
Doc ID 14723 Rev 9
2.2.3
Pin muxing
Table 7 defines the pin list and muxing for the SPC560P44Lx, SPC560P50Lx devices.
Each row of Table 7 shows all the possible ways of configuring each pin, via alternate
functions. The default function assigned to each pin after reset is the ALT0 function.
SPC560P44Lx, SPC560P50Lx devices provide four main I/O pad types, depending on the
associated functions:
●
Slow pads are the most common, providing a compromise between transition time and
low electromagnetic emission.
●
Medium pads provide fast enough transition for serial communication channels with
controlled current to reduce electromagnetic emission.
●
Fast pads provide maximum speed. They are used for improved NEXUS debugging
capability.
●
Symmetric pads are designed to meet FlexRay requirements.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at
the cost of reducing AC performance. For more information, see the datasheet’s “Pad AC
Specifications” section.
TMS
JTAG state machine control
Bidirectional
Slow
Fast
59
87
TCK
JTAG clock
Input only
Slow
—
60
88
TDI
Test Data In
Input only
Slow
Medium
58
86
TDO
Test Data Out
Output only
Slow
Fast
61
89
Reset pin, available on 100-pin and 144-pin package.
RESET
Bidirectional reset with Schmitt trigger
characteristics and noise filter
Bidirectional
Medium
—
20
31
Test pin, available on 100-pin and 144-pin package.
VPP_TEST
Pin for testing purpose only. To be tied to
ground in normal operating mode.
——
—
74
107
1. SCR values refer to the value assigned to the Slew Rate Control bits of the pad configuration register.
Table 6.
System pins (continued)
Symbol
Description
Direction
Pad speed(1)
Pin
SRC = 0
SRC = 1
100-pin
144-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com