Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 80Page - STMicroelectronics SPC560P44L3 Datasheet HTML 81Page - STMicroelectronics SPC560P44L3 Datasheet HTML 82Page - STMicroelectronics SPC560P44L3 Datasheet HTML 83Page - STMicroelectronics SPC560P44L3 Datasheet HTML 84Page - STMicroelectronics SPC560P44L3 Datasheet HTML 85Page - STMicroelectronics SPC560P44L3 Datasheet HTML 86Page - STMicroelectronics SPC560P44L3 Datasheet HTML 87Page - STMicroelectronics SPC560P44L3 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
Electrical characteristics
SPC560P44Lx, SPC560P50Lx
84/112
Doc ID 14723 Rev 9
tADC_PU SR —
ADC power-up delay (time
needed for ADC to settle
exiting from software power
down; PWDN bit = 0)
——
—
1.5
µs
CS
(10)
—D
ADC input sampling
capacitance
——
—
2.5
pF
CP1
(10)
— D ADC input pin capacitance 1
—
—
—
3
pF
CP2
(10)
— D ADC input pin capacitance 2
—
—
—
1
pF
RSW1
(10) —D
Internal resistance of analog
source
VDD_HV_ADC =
5V± 10%
——
0.6
k
Ω
VDD_HV_ADC =
3.3 V ± 10%
——
3
k
Ω
RAD
(10)
—D
Internal resistance of analog
source
——
—
2
k
Ω
IINJ
—
T Input current injection
Current injection
on one ADC input,
different from the
converted one.
Remains within
TUE spec.
–5
—
5
mA
INL
CC P Integral non-linearity
No overload
–1.5
—
1.5
LSB
DNL
CC P Differential non-linearity
No overload
–1.0
—
1.0
LSB
OSE
CC T Offset error
—
—
±1
—
LSB
GE
CC T Gain error
—
—
±1
—
LSB
TUE
CC P
Total unadjusted error without
current injection
—
–2.5
—
2.5
LSB
TUE
CC T
Total unadjusted error with
current injection
—–3
—
3
LSB
1.
VDD = 3.3 V to 3.6 V / 4.5 V to 5.5 V, TA = –40 °C to TA MAX, unless otherwise specified and analog input voltage from
VSS_HV_ADCx to VDD_HV_ADCx.
2.
VAINx may exceed VSS_HV_AD and VDD_HV_AD limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0x3FF.
3.
Not allowed to refer this voltage to VDD_HV_ADV1, VSS_HV_ADV1
4.
Not allowed to refer this voltage to VDD_HV_ADV0, VSS_HV_ADV0
5.
AD_clk clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
6.
When configured to allow 60 MHz ADC, the minimum ADC clock speed is 9 MHz, below which precision is lost.
7.
During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the end of the
sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values for the sample
clock tADC_S depend on programming.
8.
This parameter includes the sample time tADC_S.
9.
20 MHz ADC clock. Specific prescaler is programmed on MC_PLL_CLK to provide 20 MHz clock to the ADC.
10. See Figure 16.
Table 33.
ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com