Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P44L3 Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPC560P44L3
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P44L3 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPC560P44L3 Datasheet HTML 104Page - STMicroelectronics SPC560P44L3 Datasheet HTML 105Page - STMicroelectronics SPC560P44L3 Datasheet HTML 106Page - STMicroelectronics SPC560P44L3 Datasheet HTML 107Page - STMicroelectronics SPC560P44L3 Datasheet HTML 108Page - STMicroelectronics SPC560P44L3 Datasheet HTML 109Page - STMicroelectronics SPC560P44L3 Datasheet HTML 110Page - STMicroelectronics SPC560P44L3 Datasheet HTML 111Page - STMicroelectronics SPC560P44L3 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 111 / 112 page
background image
SPC560P44Lx, SPC560P50Lx
Revision history
Doc ID 14723 Rev 9
111/112
18-Jul-2012
8
Updated
Table 1 (Device summary)
Section 1.5.4, Flash memory: Changed “Data flash memory: 32-bit ECC” to “Data flash
memory: 64-bit ECC”
Figure 40 (Commercial product code structure), replaced "C = 60 MHz, 5 V" and "D = 60
MHz, 3.3 V" with respectively "C = 40 MHz, 5 V" and "D = 40 MHz, 3.3 V"
Table 9 (Absolute maximum ratings), updated TVDD parameter, the minimum value to
3.0 V/s and the maximum value to 0.5 V/µs
Table 7 (Pin muxing), changed the description in the column "I/O direction" from "I/O" to
"O" for the following port pins:
A[10] with function B[0]
A[11] with function A[0]
A[11] with function A[2]
A[12] with function A[2]
A[12] with function B[2]
A[13] with function B[2]
C[7] with function A[1]
C[10] with function A[3]
C[15] with function A[1]
D[0] with function B[1]
D[10] with function A[0]
D[11] with function B[0]
D[13] with function A[1]
D[14] with function B[1]
Updated Section 3.8.1, Voltage regulator electrical characteristics
Added
Table 27 (I/O consumption)
Section 3.10, DC electrical characteristics:
deleted references to “oscillator margin”
deleted subsection “NVUSRO[OSCILLATOR_MARGIN] field description”
Table 21 (DC electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0)), added IPU row
for RESET pin
Table 23 (DC electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1)), added IPU row
for RESET pin
Table 33 (ADC conversion characteristics), added VINAN entry
Removed “Order codes” table
Figure 40 (Commercial product code structure):
added a footnote
updated “E = Data flash memory”
18-Sep-2013
9
Updated Disclaimer
Table 46.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com