Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 54Page - STMicroelectronics ST7MC1K2 Datasheet HTML 55Page - STMicroelectronics ST7MC1K2 Datasheet HTML 56Page - STMicroelectronics ST7MC1K2 Datasheet HTML 57Page - STMicroelectronics ST7MC1K2 Datasheet HTML 58Page - STMicroelectronics ST7MC1K2 Datasheet HTML 59Page - STMicroelectronics ST7MC1K2 Datasheet HTML 60Page - STMicroelectronics ST7MC1K2 Datasheet HTML 61Page - STMicroelectronics ST7MC1K2 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Supply, reset and clock management
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto,
58/371
6.6.8
MCC beep control register (MCCBCR)
6.6.9
Main clock controller register map and reset values
MCCBCR
Reset value: 0000 0000 (00h)
76543
210
Reserved
ADSTS
ADC IE
BC[1:0]
-
R/W
R/W
R/W
Table 14.
MCCBCR register description
Bit
Name
Function
7:4
-
Reserved, must be kept cleared
3ADSTS
A/D converter sample time stretch
This bit is set and cleared by software to enable or disable the A/D converter sample time stretch
feature.
0: AD sample time stretch disabled (for standard impedance analog inputs)
1: AD sample time stretch enabled (for high impedance analog inputs)
2ADC IE
A/D converter interrupt enable
This bit is set and cleared by software to enable or disable the A/D converter interrupt.
0: AD Interrupt disabled
1: AD Interrupt enabled
1:0
BC[1:0]
Beep control
These 2 bits select the PF1 pin beep capability:
00: Beep mode (with fOSC2 =8 MHz) =off
01: Beep mode (with fOSC2 = 8 MHz) = .~2 kHz (output beep signal ~50% duty
cycle)
10: Beep mode (with fOSC2 = 8 MHz) = .~1 kHz (output beep signal ~50% duty
cycle)
11: Beep mode (with fOSC2 = 8 MHz) = .~500 Hz (output beep signal ~50% duty
cycle)
The beep output signal is available in Active Halt mode but has to be disabled to reduce the
consumption.
Table 15.
Main clock controller register map and reset values
Address (Hex.)
Register label
7
6
5
4
3
2
1
0
0040h
SICSR, page0
reset value
PAGE
0
VDIE
0
VDF
0
LVDRF
x0
CFIE
0
CSSD
0
WDGRF
x
0040h
SICSR, page1
reset value
PAGE
00
VCOEN
0
LOCK
x
PLLEN
00
CKSEL
00
002Ch
MCCSR
reset value
MCO
0
CP1
0
CP0
0
SMS
0
TB1
0
TB0
0
OIE
0
OIF
0
002Dh
MCCBCR
reset value
0
0
0
0
ADSTS
0
ADCIE
0
BC1
0
BC0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com