Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 79Page - STMicroelectronics ST7MC1K2 Datasheet HTML 80Page - STMicroelectronics ST7MC1K2 Datasheet HTML 81Page - STMicroelectronics ST7MC1K2 Datasheet HTML 82Page - STMicroelectronics ST7MC1K2 Datasheet HTML 83Page - STMicroelectronics ST7MC1K2 Datasheet HTML 84Page - STMicroelectronics ST7MC1K2 Datasheet HTML 85Page - STMicroelectronics ST7MC1K2 Datasheet HTML 86Page - STMicroelectronics ST7MC1K2 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
I/O ports
83/371
9.5
Interrupts
The external interrupt event generates an interrupt if the corresponding configuration is
selected with DDR and OR registers and the interrupt mask in the CC register is not active
(RIM instruction).
9.5.1
I/O port implementation
The I/O port register configurations are summarized below.
Standard ports
Interrupt ports
Table 28.
I/O port interrupt control/wake-up capability
Interrupt event
Event flag Enable control bit Exit from WAIT Exit from HALT
External interrupt on selected
external event
-
DDRx, ORx
Yes
Table 29.
Standard ports: PA4, PA2:0, PB5:0, PC7:4, PD7:6, PE5:0, PF5:0, PG7:0,
PH7:0
Mode
DDR
OR
Floating input
0
0
Pull-up input
0
1
Open drain output
1
0
Push-pull output
1
1
Table 30.
Interrupt ports with pull-up: PA6, PA3, PB6, PC3, PC1, PD5, PD4, PD2
Mode
DDR
OR
Floating input
0
0
Pull-up interrupt input
0
1
Open drain output
1
0
Push-pull output
1
1
Table 31.
Interrupt ports without pull-up: PA7, PA5, PB7, PC2, PC0, PD6, PD3, PD
Mode
DDR
OR
Floating input
0
0
Floating interrupt input
0
1
Open drain output
1
0
Push-pull output
1
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com