Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7MC1K2 Datasheet HTML 1Page - STMicroelectronics ST7MC1K2 Datasheet HTML 2Page - STMicroelectronics ST7MC1K2 Datasheet HTML 3Page - STMicroelectronics ST7MC1K2 Datasheet HTML 4Page - STMicroelectronics ST7MC1K2 Datasheet HTML 5Page - STMicroelectronics ST7MC1K2 Datasheet HTML 6Page - STMicroelectronics ST7MC1K2 Datasheet HTML 7Page - STMicroelectronics ST7MC1K2 Datasheet HTML 8Page - STMicroelectronics ST7MC1K2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 371 page
background image
July 2007
Rev 1
1/371
1
ST7MC1K2-Auto, ST7MC1K6-Auto
ST7MC2S4-Auto, ST7MC2S6-Auto
8-bit MCU for automotive with nested interrupts, Flash, 10-bit ADC,
brushless motor control, 5 timers, SPI, LINSCI™
Features
■
Memories
– 8 to 32 Kbyte dual voltage Flash program
memory or ROM with read-out protection
capability, in-application programming and
in-circuit programming
– 384 to 1 Kbyte RAM
– HDFlash endurance: 100 cycles, data
retention 40 years at 85°C
■
Clock, reset and supply management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and auxiliary voltage detector
(AVD) with interrupt capability
– Clock sources: crystal/ceramic resonator
oscillators and by-pass for external clock,
clock security system.
– 4 power saving modes: Halt, Active Halt,
Wait and Slow
■
Interrupt management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and reset
– MCES top level interrupt pin
– 16 external interrupt lines (on 3 vectors)
■
Up to 34 I/O ports
– Up to 34 multifunctional bidirectional I/O
lines
– Up to 10 high sink outputs
■
5 timers
– Main clock controller with: real-time base,
beep and clock-out capabilities
– Configurable window watchdog timer
– Two 16-bit timers with: 2 input captures, 2
output compares, external clock input,
PWM and pulse generator modes
– 8-bit PWM auto-reload timer with: 2 input
captures, 4 PWM outputs, output compare
and time base interrupt, external clock with
event detector
■
2 communication interfaces
– SPI synchronous serial interface
–LINSCI
™ asynchronous serial interface
■
Brushless motor control peripheral
– 6 high sink PWM output channels for
sinewave or trapezoidal inverter control
– Motor safety including asynchronous
emergency stop and write-once registers
– 4 analog inputs for rotor position detection
(sensorless/hall/tacho/encoder)
– Permanent magnet motor coprocessor
including multiplier, programmable filters,
blanking windows and event counters
– Operational amplifier and comparator for
current/voltage mode regulation and
limitation
■
Analog peripheral
– 10-bit ADC with up to 11 input pins
■
In-circuit debug
■
Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8x8 unsigned multiply instruction
– True bit manipulation
■
Development tools
– Full hardware/software development
package
LQFP44 10 x 10
LQFP32 7 x 7
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST7MC1K2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MC1K2T6 STMICROELECTRONICS-ST7MC1K2T6 Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
ST7MC1K2TC STMICROELECTRONICS-ST7MC1K2TC Datasheet
5Mb / 308P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
Rev 11
More results

Similar Description - ST7MC1K2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
Clock, reset and supply management
19-Apr-2011
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
Clock, reset and supply management
02-Aug-2010
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
Clock, reset and supply management
16-Aug-2016
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
Reset and supply management
10-Mar-2016
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
Reset and supply management
11-Oct-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com