Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 70Page - STMicroelectronics ST7MC1K2 Datasheet HTML 71Page - STMicroelectronics ST7MC1K2 Datasheet HTML 72Page - STMicroelectronics ST7MC1K2 Datasheet HTML 73Page - STMicroelectronics ST7MC1K2 Datasheet HTML 74Page - STMicroelectronics ST7MC1K2 Datasheet HTML 75Page - STMicroelectronics ST7MC1K2 Datasheet HTML 76Page - STMicroelectronics ST7MC1K2 Datasheet HTML 77Page - STMicroelectronics ST7MC1K2 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Power saving modes
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
74/371
8.4
Active Halt and Halt modes
Active Halt and Halt modes are the two lowest power consumption modes of the MCU. They
are both entered by executing the ‘HALT’ instruction. The decision to enter either in Active
Halt or Halt mode is given by the MCC/RTC interrupt enable flag (OIE bit in MCCSR
register).
8.4.1
Active Halt mode
Active Halt mode is the lowest power consumption mode of the MCU with a real time clock
available. It is entered by executing the ‘HALT’ instruction when the OIE bit of the main clock
controller status register (MCCSR) is set (see Section 6.6 on page 54 for more details on
the MCCSR register).
The MCU can exit Active Halt mode on reception of either an MCC/RTC interrupt, a specific
interrupt (see Table 22: Interrupt mapping on page 70) or a reset. When exiting Active Halt
mode by means of an interrupt, no 256 or 4096 CPU cycle delay occurs. The CPU resumes
operation by servicing the interrupt or by fetching the reset vector which woke it up (see
Figure 25).
When entering Active Halt mode, the I[1:0] bits in the CC register are forced to ‘10b’ to
enable interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately.
In Active Halt mode, only the main oscillator and its associated counter (MCC/RTC) are
running to keep a wake-up time base. All other peripherals are not clocked except those
which get their clock supply from another clock generator (such as external or auxiliary
oscillator).
The safeguard against staying locked in Active Halt mode is provided by the oscillator
interrupt.
Note:
As soon as the interrupt capability of one of the oscillators is selected (MCCSR.OIE bit set),
entering Active Halt mode while the watchdog is active does not generate a reset.
This means that the device cannot spend more than a defined delay in this power saving
mode.
Figure 24.
Active Halt timing overview
1.
This delay occurs only if the MCU exits Active Halt mode by means of a reset.
Table 23.
Active Halt and Halt power saving modes
MCCSR OIE bit
Power saving mode entered when HALT instruction is executed
0
Halt mode
1
Active Halt mode
HALT
Run
Run
256 or 4096 CPU
cycle delay (1)
Reset or
interrupt
HALT
instruction
Fetch vector
Active
[MCCSR.OIE = 1]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com