Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 65Page - STMicroelectronics ST7MC1K2 Datasheet HTML 66Page - STMicroelectronics ST7MC1K2 Datasheet HTML 67Page - STMicroelectronics ST7MC1K2 Datasheet HTML 68Page - STMicroelectronics ST7MC1K2 Datasheet HTML 69Page - STMicroelectronics ST7MC1K2 Datasheet HTML 70Page - STMicroelectronics ST7MC1K2 Datasheet HTML 71Page - STMicroelectronics ST7MC1K2 Datasheet HTML 72Page - STMicroelectronics ST7MC1K2 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Interrupts
69/371
7.8
Nested interrupts register map and reset values
2:1 IS3[1:0]
Interrupt sensitivity (ei0 sensitivity)
The interrupt sensitivity, defined using the IS2[1:0] bits, is applied to the following
external interrupts:
External interrupt ei0 (port D[6:4]):
00: External interrupt sensitivity = falling edge and low level (IPA bit = 0)
and rising edge and high level (IPA bit = 1)
01: External interrupt sensitivity = rising edge only (IPA bit = 0)
and falling edge only (IPA bit = 1)
10: external interrupt sensitivity = falling edge only (IPA bit = 0)
and rising edge only (IPA bit = 1)
11: external interrupt sensitivity = rising and falling edge (IPA bit = 0 and IPA bit = 1)
External interrupt ei0 (port D[3:1]):
00: External interrupt sensitivity = falling edge and low level
01: External interrupt sensitivity = rising edge only
10: External interrupt sensitivity = falling edge only
11: External interrupt sensitivity = rising and falling edge
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1
(level 3).
0IPA
Interrupt polarity (for port D)
This bit is used to invert the sensitivity of port D [6:4] external interrupts. It can be set
and cleared by software only when I1 and I0 of the CC register are both set to 1
(level 3).
0: No sensitivity inversion
1: Sensitivity inversion
Table 20.
EICR register description (continued)
Bit
Name
Function
Table 21.
Nested interrupts register map and reset values
Address (Hex.) Register label
7
6
5
4
3
2
1
0
0024h
ISPR0
Reset value
ei1
ei0
MCC + SI
MCES
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
11
1
0025h
ISPR1
Reset value
MTC C/D
MTC R/Z
MTC U/CL
ei2
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
0026h
ISPR2
Reset value
SCI
Timer B
Timer A
SPI
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
0027h
ISPR3
Reset value
PWMART
AVD
I1_15
1
I0_15
1
I1_14
1
I0_14
1
I1_13
1
I0_13
1
I1_12
1
I0_12
1
0028h
EICR
Reset value
IS11
0
IS10
0
IPB
0
IS21
0
IS20
0
IPA
0
00
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com