Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 25Page - STMicroelectronics ST7MC1K2 Datasheet HTML 26Page - STMicroelectronics ST7MC1K2 Datasheet HTML 27Page - STMicroelectronics ST7MC1K2 Datasheet HTML 28Page - STMicroelectronics ST7MC1K2 Datasheet HTML 29Page - STMicroelectronics ST7MC1K2 Datasheet HTML 30Page - STMicroelectronics ST7MC1K2 Datasheet HTML 31Page - STMicroelectronics ST7MC1K2 Datasheet HTML 32Page - STMicroelectronics ST7MC1K2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Register and memory map
29/371
Table 3.
Hardware register map
Address
Block
Register
label
Register name
Reset
status
Remarks
0000h
0001h
0002h
Port A
PADR
PADDR
PAOR
Port A data register
Port A data direction register
Port A option register
00h(1)
00h
00h
R/W(2)
R/W
R/W(3)
0003h
0004h
0005h
Port B
PBDR
PBDDR
PBOR
Port B data register
Port B data direction register
Port B option register
00h(1)
00h
00h
R/W
R/W
R/W
0006h
0007h
0008h
Port C
PCDR
PCDDR
PCOR
Port C data register
Port C data direction register
Port C option register
00h(1)
00h
00h
R/W
R/W
R/W
0009h
000Ah
000Bh
Port D
PDDR
PDDDR
PDOR
Port D data register
Port D data direction register
Port D option register
00h(1)
00h
00h
R/W
R/W
R/W
000Ch
000Dh
000Eh
Port E
PEDR
PEDDR
PEOR
Port E data register
Port E data direction register
Port E option register
00h(1)
00h
00h
R/W
R/W(3)
R/W(3)
000Fh
0010h
0011h
Port F
PFDR
PFDDR
PFOR
Port F data register
Port F data direction register
Port F option register
00h(1)
00h
00h
R/W
R/W
R/W
0012h
0013h
0014h
Port G
PGDR
PGDDR
PGOR
Port G data register
Port G data direction register
Port G option register
00h(1)
00h
00h
R/W
R/W
R/W
0015h
0016h
0017h
Port H
PHDR
PHDDR
PHOR
Port H data register
Port H data direction register
Port H option register
00h(1)
00h
00h
R/W
R/W
R/W
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
LINSCI
SCISR
SCIDR
SCIBRR
SCICR1
SCICR2
SCICR3
SCIERPR
SCIETPR
SCI status register
SCI data register
SCI baud rate register
SCI control register 1
SCI control register 2
SCI control register 3
SCI extended receive prescaler register
SCI extended transmit prescaler register
C0h
xxh(4)
00h
xxh
00h
00h
00h
00h
Read only
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0020h
Reserved area (1 byte)
0021h
0022h
0023h
SPI
SPIDR
SPICR
SPICSR
SPI data I/O register
SPI control register
SPI control/status register
xxh
0xh
00h
R/W
R/W
R/W
0024h
0025h
0026h
0027h
0028h
ITC
ITSPR0
ITSPR1
ITSPR2
ITSPR3
EICR
Interrupt software priority register 0
Interrupt software priority register 1
Interrupt software priority register 2
Interrupt software priority register 3
External interrupt control register
FFh
FFh
FFh
FFh
00h
R/W
R/W
R/W
R/W
R/W
0029h
Flash
FSCR
Flash control/status register
00h
R/W
002Ah
Watchdog
WDGCR
Window watchdog control register
7Fh
R/W
002Bh
WDGWR
Window watchdog window register
7Fh
R/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com