Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 61Page - STMicroelectronics ST7MC1K2 Datasheet HTML 62Page - STMicroelectronics ST7MC1K2 Datasheet HTML 63Page - STMicroelectronics ST7MC1K2 Datasheet HTML 64Page - STMicroelectronics ST7MC1K2 Datasheet HTML 65Page - STMicroelectronics ST7MC1K2 Datasheet HTML 66Page - STMicroelectronics ST7MC1K2 Datasheet HTML 67Page - STMicroelectronics ST7MC1K2 Datasheet HTML 68Page - STMicroelectronics ST7MC1K2 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
Interrupts
65/371
7.5.2
Interrupt software priority registers (ISPRX)
These four registers contain the interrupt software priority of each interrupt vector.
●
Each interrupt vector (except reset and TRAP) has corresponding bits in those
registers where its own software priority is stored. This correspondence is shown in
Table 18.
●
Each I1_x and I0_x bit value in the ISPRx registers has the same meaning as the I1
and I0 bits in the CC register.
●
Level 0 can not be written (I1_x = 1, I0_x = 0). In this case, the previously stored value
is kept. (example: previous = CFh, write = 64h, result = 44h)
The reset, TRAP and MCES vectors have no software priorities. When one is serviced, the
I1 and I0 bits of the CC register are both set.
ISPR0
Reset value: 1111 1111 (FFh)
7
654
32
10
I1_3
I0_3
I1_2
I0_2
I1_1
I0_1
I1_0
I0_0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISPR1
Reset value: 1111 1111 (FFh)
7
654
32
10
I1_7
I0_7
I1_6
I0_6
I1_5
I0_5
I1_4
I0_4
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISPR2
Reset value: 1111 1111 (FFh)
7
654
32
10
I1_11
I0_11
I1_10
I0_10
I1_9
I0_9
I1_8
I0_8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ISPR3
Reset value: 1111 1111 (FFh)
7
654
32
10
1
1
1
1
I1_13
I0_13
I1_12
I0_12
RO
RO
RO
RO
R/W
R/W
R/W
R/W
Table 18.
ISPRx interrupt vector correspondence
Vector address
ISPRx bits
FFFBh-FFFAh
I1_0 and I0_0 bits(1)
1.
Bits in the ISPRx registers which correspond to the MCES can be read and written but they are not
significant in the interrupt process management.
FFF9h-FFF8h
I1_1 and I0_1 bits
FFE1h-FFE0h
I1_13 and I0_13 bits
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com