Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 132Page - STMicroelectronics ST7MC1K2 Datasheet HTML 133Page - STMicroelectronics ST7MC1K2 Datasheet HTML 134Page - STMicroelectronics ST7MC1K2 Datasheet HTML 135Page - STMicroelectronics ST7MC1K2 Datasheet HTML 136Page - STMicroelectronics ST7MC1K2 Datasheet HTML 137Page - STMicroelectronics ST7MC1K2 Datasheet HTML 138Page - STMicroelectronics ST7MC1K2 Datasheet HTML 139Page - STMicroelectronics ST7MC1K2 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
136/371
10.4.7
Interrupts
Note:
The SPI interrupt events are connected to the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding Enable Control Bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
10.4.8
SPI registers
SPI control register (SPICR)
Table 55.
SPI interrupt control/wake-up capability
Interrupt event
Event flag
Enable control bit
Exit from WAIT
Exit from HALT
SPI end of transfer event
SPIF
SPIE
Yes
Yes
Master mode fault event
MODF
No
Overrun error
OVR
SPICR
Reset value: 0000 xxxx (0xh)
7
654
32
10
SPIE
SPE
SPR2
MSTR
CPOL
CPHA
SPR[1:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 56.
SPICR register description
Bit
Name
Function
7
SPIE
Serial peripheral interrupt enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SPI interrupt is generated whenever an end of transfer event, master mode
fault or overrun error occurs (SPIF = 1, MODF = 1 or OVR = 1 in the SPICSR
register).
6
SPE
Serial peripheral output enable
This bit is set and cleared by software. It is also cleared by hardware when, in
master mode, SS = 0 (see Master mode fault (MODF) on page 133). The SPE bit is
cleared by reset, so the SPI peripheral is not initially connected to the external pins.
0: I/O pins free for general purpose I/O
1: SPI I/O pin alternate functions enabled
5
SPR2
Divider enable
This bit is set and cleared by software and is cleared by reset.
0: Divider by 2 enabled
1: Divider by 2 disabled
This bit is used with the SPR[1:0] bits to set the baud rate:
100: Serial clock = fCPU/4
000: Serial clock = fCPU/8
001: Serial clock = fCPU/16
110: Serial clock = fCPU/32
010: Serial clock = fCPU/64
011: Serial clock = fCPU/128
This bit has no effect in slave mode.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com