Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 148Page - STMicroelectronics ST7MC1K2 Datasheet HTML 149Page - STMicroelectronics ST7MC1K2 Datasheet HTML 150Page - STMicroelectronics ST7MC1K2 Datasheet HTML 151Page - STMicroelectronics ST7MC1K2 Datasheet HTML 152Page - STMicroelectronics ST7MC1K2 Datasheet HTML 153Page - STMicroelectronics ST7MC1K2 Datasheet HTML 154Page - STMicroelectronics ST7MC1K2 Datasheet HTML 155Page - STMicroelectronics ST7MC1K2 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
152/371
These events generate an interrupt if the corresponding enable control bit is set and the
interrupt mask in the CC register is reset (RIM instruction).
10.5.8
SCI mode registers
SCI status register (SCISR)
SCISR
Reset value: 1100 0000 (C0h)
7
654
32
10
TDRE
TC
RDRF
IDLE
OR(1)
1.
This bit has a different function in LIN mode, please refer to Section 10.5.10: LIN mode registers.
NF(1)
FE(1)
PE(1)
RO
RO
RO
RO
RO
RO
RO
RO
Table 62.
SCISR register description
Bit Name
Function
7
TDRE
Transmit data register empty
This bit is set by hardware when the content of the TDR register has been transferred
into the shift register. An interrupt is generated if the TIE = 1 in the SCICR2 register. It
is cleared by a software sequence (an access to the SCISR register followed by a
write to the SCIDR register).
0: Data is not transferred to the shift register
1: Data is transferred to the shift register
6TC
Transmission complete
This bit is set by hardware when transmission of a character containing data is
complete. An interrupt is generated if TCIE = 1 in the SCICR2 register. It is cleared by
a software sequence (an access to the SCISR register followed by a write to the
SCIDR register).
0: Transmission is not complete
1: Transmission is complete
Note: TC is not set after the transmission of a preamble or a break.
5
RDRF
Received data ready flag
This bit is set by hardware when the content of the RDR register has been transferred
to the SCIDR register. An interrupt is generated if RIE = 1 in the SCICR2 register. It is
cleared by a software sequence (an access to the SCISR register followed by a read
to the SCIDR register).
0: Data is not received
1: Received data is ready to be read
4IDLE
Idle line detected
This bit is set by hardware when an idle line is detected. An interrupt is generated if
the ILIE = 1 in the SCICR2 register. It is cleared by a software sequence (an access to
the SCISR register followed by a read to the SCIDR register).
0: No idle line is detected
1: Idle line is detected
Note: The idle bit is not set again until the RDRF bit has been set itself (that is, a new
idle line occurs).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com