Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1K2 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST7MC1K2
Description  Clock, reset and supply management
PDF  371 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1K2 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST7MC1K2 Datasheet HTML 154Page - STMicroelectronics ST7MC1K2 Datasheet HTML 155Page - STMicroelectronics ST7MC1K2 Datasheet HTML 156Page - STMicroelectronics ST7MC1K2 Datasheet HTML 157Page - STMicroelectronics ST7MC1K2 Datasheet HTML 158Page - STMicroelectronics ST7MC1K2 Datasheet HTML 159Page - STMicroelectronics ST7MC1K2 Datasheet HTML 160Page - STMicroelectronics ST7MC1K2 Datasheet HTML 161Page - STMicroelectronics ST7MC1K2 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 371 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
On-chip peripherals
ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto
158/371
SCI extended transmit prescaler division register (SCIETPR)
10.5.9
LIN mode - functional description
The block diagram of the serial control interface, in LIN slave mode is shown in Figure 65.
It uses six registers:
●
3 control registers: SCICR1, SCICR2 and SCICR3
●
2 status registers: the SCISR register and the LHLR register mapped at the SCIERPR
address
●
A baud rate register: LPR mapped at the SCIBRR address and an associated fraction
register LPFR mapped at the SCIETPR address
The bits dedicated to LIN are located in the SCICR3. Refer to the register descriptions in
Section 10.5.10: LIN mode registers for the definitions of each bit.
Entering LIN mode
To use the LINSCI in LIN mode the following configuration must be set in SCICR3 register:
●
Clear the M bit to configure 8-bit word length.
●
Set the LINE bit.
Master
To enter master mode the LSLV bit must be reset. In this case, setting the SBK bit sends 13
low bits.
The baud rate can then be programmed using the SCIBRR, SCIERPR and SCIETPR
registers.
In LIN master mode, the conventional prescaler and/or extended prescaler define the baud
rate (as in standard SCI mode).
SCIETPR
Reset value: 0000 0000 (00h)
7
654
32
10
ETPR[7:0]
R/W
Table 67.
SCIETPR register description
Bit
Name
Function
7:0 ETPR[7:0]
8-bit extended transmit prescaler register
The extended baud rate generator is activated when a value other than 00h is
stored in this register. The clock frequency from the 16 divider (see Figure 63) is
divided by the binary factor set in the SCIETPR register (in the range 1 to 255).
The extended baud rate generator is not active after a reset.
Note: In LIN slave mode, the conventional and extended baud rate generators are
disabled.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com